Electronic Components Datasheet Search
  English  ▼

X  

ST7920 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # ST7920
Description  ST7920
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ST7920 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button ST7920 Datasheet HTML 15Page - List of Unclassifed Manufacturers ST7920 Datasheet HTML 16Page - List of Unclassifed Manufacturers ST7920 Datasheet HTML 17Page - List of Unclassifed Manufacturers ST7920 Datasheet HTML 18Page - List of Unclassifed Manufacturers ST7920 Datasheet HTML 19Page - List of Unclassifed Manufacturers ST7920 Datasheet HTML 20Page - List of Unclassifed Manufacturers ST7920 Datasheet HTML 21Page - List of Unclassifed Manufacturers ST7920 Datasheet HTML 22Page - List of Unclassifed Manufacturers ST7920 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
ST7920
C2.0c
19/47
2001/10/18
基本指令集說明
基本指令集說明
基本指令集說明
基本指令集說明
清除顯示
清除顯示
清除顯示
清除顯示
將 DDRAM 填滿 "20H"(space code),並且設定 DDRAM 的位址計數器(AC)到"00H",重設進入點設定將 I/D 設為 "1"
游標右移 AC 加 1
位址歸位
位址歸位
位址歸位
位址歸位
設定 DDRAM 的位址計數器(AC)到"00H",並且將游標移到開頭原點位置;這個指令並不改變 DDRAM 的內容
進入點設定
進入點設定
進入點設定
進入點設定
指定在資料的讀取與寫入時,設定游標的移動方向及指定顯示的移位
I/D :位址計數器遞增遞減選擇
位址計數器遞增遞減選擇
位址計數器遞增遞減選擇
位址計數器遞增遞減選擇
當 I/D = "1", 游標右移,DDRAM 位址計數器(AC)加 1
當 I/D = "0", 游標左移,DDRAM 位址計數器(AC)減 1
S: 顯示畫面整體位移
顯示畫面整體位移
顯示畫面整體位移
顯示畫面整體位移
S
I/D
DESCRIPTION
H
H
畫面整體左移
H
L
畫面整體右移
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
Code
Code
Code
RS
RS
RS
RW
RW
RW
DB7
DB7
DB7
DB6
DB6
DB6
DB5
DB5
DB5
DB4
DB4
DB4
DB1
DB1
DB1
DB2
DB2
DB2
DB3
DB3
DB3
0
1
I/D
1
x
S
DB0
DB0
DB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com