Electronic Components Datasheet Search
  English  ▼

X  

SNP-X129 Datasheet(PDF) 1 Page - Skynet Electronic Copyright

Part # SNP-X129
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-X129 Datasheet(HTML) 1 Page - Skynet Electronic Copyright

  SNP-X129 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-X129 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-X129 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-X129 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
NOV. 2016
4-1
General Purpose
-Jim-
Rated
120W
Max.
132W
Peak
144W
SNP-X12 Series
Notes:
1. Size:
3" x 5" x 1.319"
2. Mounting Hole:
64.8 x 115.6 (mm)
3. Connectors:
AC input : Molex 5277-02A or equivalent
DC output : Molex 5273 or equivalent
Remote Sense : Molex 5045-02A or equivalent
4. Output Pin assignment:
5. Packing:
Net weight: 290 g approx. / unit
Gross weight: 13.0 kg approx. / carton, 36 units / carton
Carton size (mm): 339 (L) x 339 (W) x 327 (H)
Mechanical Specifications:
Over voltage protection ............................................ latch off
Max. capacitive load ................................................ 30000uF
Remote Sense ............. compensates for 0.5V load drop min.
Operating temperature (open frame type) .......... -20oC to 70oC
derating: 2.5% / oC > 40oC
Cooling .................................... free air convection for 120W
with18CFMforcedairflowfor130W
Storage temperature ...................................... -20oC to +85oC
EMI ................................................. EN55022 "B", FCC "B"
Harmonics ........................................................ EN61000-3-2
EMS ......................................... EN61000-4-2,-3,-4,-5,-6,-11
Safety ................................................... UL60950-1 : (cULus)
EN 60950-1 : 2006 +A11 (TUV)
ANSI/AAMI ES60601-1 : 2005 (cULus)
EN 60601-1 : 2006 (TUV)
Input voltage ......................................... 90 VAC to 264 VAC
Input frequency ............................................. 47 Hz to 63 Hz
Inrush current ............................................ < 30A at 115VAC
(cold start at 25oC)
or < 60A at 230VAC
Efficiency...........................................................87%typical
Hold up time ..................................................... 20ms typical
at rated load and 115VAC
Averageefficiency............>87%at25%,50%,75%,100%
of rated load and 115VAC/230VAC input
No-load input power .................................................. < 0.5W
Energy saving ......................................... energy star Ver. 2.0
Over load protection ........................................ auto recovery
Short circuit protection..................................... auto recovery
Features:
SNP-X127
TO CHASSIS GROUNDING
o4.0 TYP. MOUNTING HOLES
127.0 (5")
115.6
76.2
(3")
64.8
5.0
5.0
33.5 Max.
(1.319")
TRANSFORMER
x4
TO CHASSIS GROUNDING
2.4 Max.
TB1
L
N
1
General Specifications:
●
Meet Energy Star Version 2.0
●
With built-in active PFC
●
Only 1.36 inch height
●
5.8 Watt per cubic inch
●
With ITE & Medical safety
●
Efficiencybetween85%to90%
●
Operation from -20oC to 70oC by convection
Applications:
●
For medical device such as monitor.
●
For power saving required system such as LCD monitor.
10 years Warranty (contact Skynet's Distributors for details)
3" x 5" x 1.319"
1
2
3
4
5
6
7
8
Vo
Vo
Vo
Vo GND GND GND GND


Similar Part No. - SNP-X129

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-X20 SKYNET-SNP-X20 Datasheet
333Kb / 4P
General Purpose
SNP-X205 SKYNET-SNP-X205 Datasheet
333Kb / 4P
General Purpose
SNP-X205-M SKYNET-SNP-X205-M Datasheet
333Kb / 4P
General Purpose
SNP-X207 SKYNET-SNP-X207 Datasheet
333Kb / 4P
General Purpose
SNP-X207-M SKYNET-SNP-X207-M Datasheet
333Kb / 4P
General Purpose
More results

Similar Description - SNP-X129

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
Kemet Corporation
F161YR155M100V KEMET-F161YR155M100V Datasheet
75Kb / 1P
General Purpose
logo
Guangdong Kexin Industr...
IMH2A KEXIN-IMH2A Datasheet
162Kb / 2P
General purpose
logo
Skynet Electronic Copyr...
SNP-Z20 SKYNET-SNP-Z20 Datasheet
326Kb / 4P
General Purpose
SNP-Z30 SKYNET-SNP-Z30 Datasheet
331Kb / 4P
General Purpose
SNP-C08 SKYNET-SNP-C08 Datasheet
317Kb / 4P
General Purpose
SNP-C15 SKYNET-SNP-C15 Datasheet
319Kb / 4P
General Purpose
SNP-F60 SKYNET-SNP-F60 Datasheet
355Kb / 4P
General Purpose
SNP-F80 SKYNET-SNP-F80 Datasheet
411Kb / 4P
General Purpose
logo
Motorola, Inc
2N4123 MOTOROLA-2N4123 Datasheet
165Kb / 6P
General Purpose
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com