Electronic Components Datasheet Search
  English  ▼

X  

SNP-Y073 Datasheet(PDF) 1 Page - Skynet Electronic Copyright

Part # SNP-Y073
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-Y073 Datasheet(HTML) 1 Page - Skynet Electronic Copyright

  SNP-Y073 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-Y073 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-Y073 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-Y073 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4-1
** This data sheet is only for model selection. For business, engineering specification by model must be used.
-Clark-
Rated
75W
Peak
120W
SNP-Y07 Series
General Purpose
JUL. 2014
Notes:
1.
Size:
3" x 5" x 1.18"
2.
Mounting holes:
64.8 x 115.6 (mm)
3.
Connectors:
a) TB1-AC input
: Molex 5277-2 or equivalent for all models
b) TB2-DC output
: Molex 5273-8 or equivalent for all models
c) TB3-for LED
: Molex 5045-2 or equivalent for SNP-Y071,
TB4-for FAN
-Y073, -Y077, -Y078, -Y079, -Y07E
d) TB3-for LED
: Molex 5045-2 or equivalent for SNP-Y076,
TB4-for Remote sense
-Y07B
e) TB3-for LED
: Molex 5045-2 or equivalent for SP-Y07T
4.
Output Pin assignment:
5.
Packing:
Net weight: 220 g approx. / unit
Gross weight: 13 kg approx. / carton, 48 units / carton
Carton size (mm): 397 (L) x 339 (W) x 327 (H)
General Specifications:
Input voltage ............................................... 90VAC to 264VAC
Input frequency..................................................... 47Hz to 63Hz
Inrush current .................................................< 30A at 115VAC
(cold start at 25oC)
or < 60A at 230VAC
Efficiency ...................................75%~87% depends on models
at rated load and 115VAC
Hold up time .................................................................. > 20ms
at rated load and 115VAC
Earth leakage current ....................................................< 300uA
Over load protection ............................................ auto recovery
Short circuit protection ........................................ auto recovery
Mechanical Specifications:
Over voltage protection ................................................ latch off
Remote sense .................... compensate for 0.5V load drop min.
Operating temperature (open frame type) ............... 0oC to 70oC
derating: 2.5% / oC > 50oC
Cooling ....................................................... free air convection
Storage temperature .......................................... -40oC to +85oC
EMI .............................................................................. FCC "B"
EN55022"B", EN55011"B"
EMS .......................................... EN61000-4-2,-3,-4,-5,-6,-8,-11
Harmonics ............................................. EN61000-3-2 class "A"
Safety ..................................................UL 60950-1, UL 60601-1
CSA C22.2 No. 60950-1, 601.1
EN 60950-1, EN 60601-1
PIN NO.
1
2
3
4
5
6
7
8
SNP-Y071
+5V
+5V
GND
GND
+12V +12V -12V
NC
SNP-Y073
+5V
+5V
GND
GND
GND GND +12V +12V
SNP-Y076
+5V
+5V
+5V
+5V
GND GND GND GND
SNP-Y077
+12V
+12V
+12V
GND
GND GND GND
+5V
SNP-Y078
+15V
+15V
+15V
GND
GND GND GND
+5V
SNP-Y079
+24V
+24V
+24V
GND
GND GND GND
+5V
SNP-Y07T
+48V
+48V
+48V
GND
GND GND GND
+5V
SNP-Y07B
+3.3V +3.3V +3.3V +3.3V GND GND GND GND
SNP-Y07E
+3.3V +3.3V GND
GND
+5V
+5V
-12V +12V
Features:
2.4 max.
127.0 (5")
o3.5TYP. MOUNTING HOLES
X 4
TRNASFORMER
TB1
L
N
TB2
1
TB3
TB4
64.8
76.2
(3")
TO CHASSIS GROUNDING
5.0
30.0 max.
(1.18")
115.6
●
Only 1.18 inch height
●
3.9 Watt per cubic inch
●
With ITE & Medical safety
●
Efficiency between 75% to 87%
●
Operation from 0oC to 70oC by convection
●
Single side PCB for low assembly cost
Applications:
●
For medical dental, pumps, monitors, sleep apnea de-
vice, and many other uses.
●
For ITE audio equipment, telecommunication, network,
IPC, instrument equipment, and other uses.
10 years Warranty (contact Skynet's Distributors for details)
3" x 5" x 1.18"


Similar Part No. - SNP-Y073

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-Y04 SKYNET-SNP-Y04 Datasheet
317Kb / 4P
General Purpose
SNP-Y041 SKYNET-SNP-Y041 Datasheet
317Kb / 4P
General Purpose
SNP-Y043 SKYNET-SNP-Y043 Datasheet
317Kb / 4P
General Purpose
SNP-Y046 SKYNET-SNP-Y046 Datasheet
317Kb / 4P
General Purpose
SNP-Y047 SKYNET-SNP-Y047 Datasheet
317Kb / 4P
General Purpose
More results

Similar Description - SNP-Y073

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
Kemet Corporation
F161YR155M100V KEMET-F161YR155M100V Datasheet
75Kb / 1P
General Purpose
logo
Guangdong Kexin Industr...
IMH2A KEXIN-IMH2A Datasheet
162Kb / 2P
General purpose
logo
Skynet Electronic Copyr...
SNP-Z20 SKYNET-SNP-Z20 Datasheet
326Kb / 4P
General Purpose
SNP-Z30 SKYNET-SNP-Z30 Datasheet
331Kb / 4P
General Purpose
SNP-C08 SKYNET-SNP-C08 Datasheet
317Kb / 4P
General Purpose
SNP-C15 SKYNET-SNP-C15 Datasheet
319Kb / 4P
General Purpose
SNP-F60 SKYNET-SNP-F60 Datasheet
355Kb / 4P
General Purpose
SNP-F80 SKYNET-SNP-F80 Datasheet
411Kb / 4P
General Purpose
logo
Motorola, Inc
2N4123 MOTOROLA-2N4123 Datasheet
165Kb / 6P
General Purpose
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com