Electronic Components Datasheet Search
  English  ▼

X  

SNP-Z073 Datasheet(PDF) 1 Page - Skynet Electronic Copyright

Part # SNP-Z073
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-Z073 Datasheet(HTML) 1 Page - Skynet Electronic Copyright

  SNP-Z073 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-Z073 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-Z073 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-Z073 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4-1
** This data sheet is only for model selection. For business, engineering specification by model must be used.
NOV. 2014
-Kevin-
Rated
75W
Peak
120W
SNP-Z07 Series
General Purpose
Notes:
1.
Size:
3" x 5" x 1.18"
2.
Mounting Hole:
64.8 x 115.6 (mm)
3.
Connectors:
a) TB1 - AC input
: Molex 5277-2 or equivalent for all models
b) TB2 - DC output
: Molex 5273-8 or equivalent for all models
c) TB3 - for LED
: Molex 5045-2 or equivalent for SNP-Z071,
TB4 - for FAN
-Z073, -Z077, -Z078, -Z079, -Z07E
d) TB3 - for LED
: Molex 5045-2 or equivalent for SNP-Z076,
TB4 - for Remote sense
-Z07B
e) TB3 - for LED
: Molex 5045-2 or equivalent for SNP-Z07T
4.
Output Pin assignment:
5.
Packing:
Net weight: 225 g approx. / unit
Gross weight: 14 kg approx. / carton, 48 units / carton
Carton size (mm): 397 (L) x 339 (W) x 327 (H)
General Specifications:
Input voltage ............................................ 90VAC to 264VAC
Input frequency................................................. 47Hz to 63Hz
Inrush current .............................................< 30A at 115VAC
(cold start at 25oC)
or < 60A at 230VAC
Efficiency ............................... 78%~87% depends on models
at rated load and 115VAC
Hold up time ............................................... longer than 20ms
at rated load and 115VAC
Over load protection ......................................... auto recovery
Short circuit protection ..................................... auto recovery
Leakage current ........................................................ < 300uA
Mechanical Specifications:
Over voltage protection ................................................. latch off
Remote sense ..................... compensate for 0.5V load drop min.
Operating temperature (open frame type) ................. 0oC to 70oC
derating: 2.5% / oC > 50oC
Cooling .......................................................... free air convection
Storage temperature ............................................-40oC to +85oC
EMI ............................................................................... FCC "B"
EN55022"B", EN55011"B"
EMS ........................................... EN61000-4-2,-3,-4,-5,-6,-8,-11
Safety ................................................................. UL 60950, 2601
CSA C22.2 No. 234, 601.1
EN 60950-1, EN 60601-1
Features:
●
Only 1.18 inch height
●
With ITE & Medical safety
●
Efficiency between 78% to 87%
●
Operation from 0oC to 70oC by convection
Applications:
●
For dental, laboratory products, pumps, monitors, sleep
apnea devices and many other uses.
10 years Warranty (contact Skynet's Distributors for details)
3" x 5" x 1.18"
PIN NO.
1
2
3
4
5
6
7
8
SNP-Z071
+5V +5V GND GND +12V +12V -12V NC
SNP-Z073
+5V +5V GND GND GND GND +12V +12V
SNP-Z076
+5V +5V +5V +5V GND GND GND GND
SNP-Z077
+12V +12V +12V GND GND GND GND +5V
SNP-Z078
+15V +15V +15V GND GND GND GND +5V
SNP-Z079
+24V +24V +24V GND GND GND GND +5V
SNP-Z07T
+48V +48V +48V GND GND GND GND +5V
SNP-Z07B +3.3V +3.3V +3.3V +3.3V GND GND GND GND
SNP-Z07E
+3.3V +3.3V GND GND +5V +5V -12V +12V
2.4 max.
127.0 (5")
o3.5TYP. MOUNTING HOLES
X 4
TRNASFORMER
TB1
L
N
TB2
1
TB3
TB4
64.8
76.2
(3")
TO CHASSIS GROUNDING
5.0
30.0 max.
(1.18")
115.6


Similar Part No. - SNP-Z073

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-Z05 SKYNET-SNP-Z05 Datasheet
352Kb / 4P
General Purpose
SNP-Z056 SKYNET-SNP-Z056 Datasheet
352Kb / 4P
General Purpose
SNP-Z057 SKYNET-SNP-Z057 Datasheet
352Kb / 4P
General Purpose
SNP-Z058 SKYNET-SNP-Z058 Datasheet
352Kb / 4P
General Purpose
SNP-Z059 SKYNET-SNP-Z059 Datasheet
352Kb / 4P
General Purpose
More results

Similar Description - SNP-Z073

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
Kemet Corporation
F161YR155M100V KEMET-F161YR155M100V Datasheet
75Kb / 1P
General Purpose
logo
Guangdong Kexin Industr...
IMH2A KEXIN-IMH2A Datasheet
162Kb / 2P
General purpose
logo
Skynet Electronic Copyr...
SNP-Z20 SKYNET-SNP-Z20 Datasheet
326Kb / 4P
General Purpose
SNP-Z30 SKYNET-SNP-Z30 Datasheet
331Kb / 4P
General Purpose
SNP-C08 SKYNET-SNP-C08 Datasheet
317Kb / 4P
General Purpose
SNP-C15 SKYNET-SNP-C15 Datasheet
319Kb / 4P
General Purpose
SNP-F60 SKYNET-SNP-F60 Datasheet
355Kb / 4P
General Purpose
SNP-F80 SKYNET-SNP-F80 Datasheet
411Kb / 4P
General Purpose
logo
Motorola, Inc
2N4123 MOTOROLA-2N4123 Datasheet
165Kb / 6P
General Purpose
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com