Electronic Components Datasheet Search
  English  ▼

X  

SNP-Z30B Datasheet(PDF) 1 Page - Skynet Electronic Copyright

Part # SNP-Z30B
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-Z30B Datasheet(HTML) 1 Page - Skynet Electronic Copyright

  SNP-Z30B Datasheet HTML 1Page - Skynet Electronic Copyright SNP-Z30B Datasheet HTML 2Page - Skynet Electronic Copyright SNP-Z30B Datasheet HTML 3Page - Skynet Electronic Copyright SNP-Z30B Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Purpose
** This data sheet is only for models selection. For business, engineering specification by model must be used.
NOV. 2016
4-1
Rated
300W
SNP-Z30 Series
-Jim-
Notes:
1. Size:
5" x 9" x 1.6"
2. Mounting Hole:
114.3 x 190.5 (mm)
3. Connectors:
AC input: Terminal blocks
DC output: Terminal blocks
Remote Sense : Molex 5045-02A or equivalent
4. Output Pin assignment:
5. Packing:
Net weight: 1000 g approx. / unit
Gross weight: 14 kg approx. / carton, 12 units / carton
Carton size (mm): 485 (L) x 291 (W) x 360 (H)
General Specifications:
Remote sense .............. compensates for 0.5V load drop min.
Operating temperature ......................................... 0oC to 70oC
derating : 2.5% / oC > 50oC
Cooling .......................................... 300W free air convection
360W with 18 CFM cooling for single output
Storage temperature ...................................... -20oC to +85oC
EMI .................................................. EN55022 "B", FCC "B"
Harmonics........................................... EN61000-3-2 class D
EMS ...................................... EN61000-4-2,-3,-4,-5,-6,-8,-11
Safety .................................................................. UL 60950-1
CSA C22.2 No. 60950-1
EN60950-1
Mechanical Specifications:
Input voltage ......................................... 90 VAC to 264 VAC
Input frequency ............................................. 47 Hz to 63 Hz
Inrush current ............................................ < 30A at 110VAC
(cold start at 25oC)
or < 60A at 220VAC
Efficiency ......................... 80% to 90% depending on model
Hold up time..................................................... 20 ms typical
at rated load and 115VAC
Over load protection ........................................ auto recovery
Short circuit protection .................................... auto recovery
Over voltage protection............................................ latch off
Over temperature protection ................. depending on model
Features:
●
With built-in PFC
●
Only 1.6 inch height
●
4.62 Watt per cubic inch
●
With ITE safety only
●
Efficiency between 80% to 90%
●
Operation from 0oC to 70oC by convection
Applications:
●
For ITE and industrial equipment.
203.2
40.6
12.7
22.0
114.3
19.1
6.4
203.2
35.6 (1.6")
22.0
127.8
(5")
228.6 (9")
190.5
TRANSFORMER
218.6
19.1
10 years Warranty (contact Skynet's Distributors for details)
5" x 9" x 1.6"
PIN NO.
1
2
3
4
5
6
7
8
9
10
11
12
SNP-Z301
+5V +5V +5V GND GND GND GND GND +12V -12V
SNP-Z305
+18V +18V GND GND GND2 +12V
SNP-Z306
+5V +5V +5V GND GND GND GND GND GND +5V +5V +5V
SNP-Z307
+12V +12V +12V GND GND GND GND2 +5V
SNP-Z308
+15V +15V +15V GND GND GND GND2 +12V
SNP-Z308-1 +15V +15V +15V GND GND GND GND2 +5V
SNP-Z309
+24V +24V GND GND GND2 +5V
SNP-Z30C +9.5V +9.5V +9.5V GND GND GND NC
NC
SNP-Z30T +48V +48V GND GND GND2 +5V


Similar Part No. - SNP-Z30B

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-Z05 SKYNET-SNP-Z05 Datasheet
352Kb / 4P
General Purpose
SNP-Z056 SKYNET-SNP-Z056 Datasheet
352Kb / 4P
General Purpose
SNP-Z057 SKYNET-SNP-Z057 Datasheet
352Kb / 4P
General Purpose
SNP-Z058 SKYNET-SNP-Z058 Datasheet
352Kb / 4P
General Purpose
SNP-Z059 SKYNET-SNP-Z059 Datasheet
352Kb / 4P
General Purpose
More results

Similar Description - SNP-Z30B

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FB-1X PREMO-FB-1X Datasheet
122Kb / 1P
General Purpose
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
Kemet Corporation
F161YR155M100V KEMET-F161YR155M100V Datasheet
75Kb / 1P
General Purpose
logo
Guangdong Kexin Industr...
IMH2A KEXIN-IMH2A Datasheet
162Kb / 2P
General purpose
logo
Skynet Electronic Copyr...
SNP-Z20 SKYNET-SNP-Z20 Datasheet
326Kb / 4P
General Purpose
SNP-C08 SKYNET-SNP-C08 Datasheet
317Kb / 4P
General Purpose
SNP-C15 SKYNET-SNP-C15 Datasheet
319Kb / 4P
General Purpose
SNP-F60 SKYNET-SNP-F60 Datasheet
355Kb / 4P
General Purpose
SNP-F80 SKYNET-SNP-F80 Datasheet
411Kb / 4P
General Purpose
logo
Motorola, Inc
2N4123 MOTOROLA-2N4123 Datasheet
165Kb / 6P
General Purpose
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com