Electronic Components Datasheet Search
  English  ▼

X  

TDA7851L Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7851L
Description  4 x 48 W MOSFET quad bridge power amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7851L Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7851L Datasheet HTML 2Page - STMicroelectronics TDA7851L Datasheet HTML 3Page - STMicroelectronics TDA7851L Datasheet HTML 4Page - STMicroelectronics TDA7851L Datasheet HTML 5Page - STMicroelectronics TDA7851L Datasheet HTML 6Page - STMicroelectronics TDA7851L Datasheet HTML 7Page - STMicroelectronics TDA7851L Datasheet HTML 8Page - STMicroelectronics TDA7851L Datasheet HTML 9Page - STMicroelectronics TDA7851L Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Pin description
TDA7851L
6/15
Doc ID 022520 Rev 3
2
Pin description
2.1
Pin connection
Figure 3.
Pin connection (top view)
2.2
Thermal data
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-case Thermal resistance junction-to-case
Max
1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com