Electronic Components Datasheet Search
  English  ▼

X  

LTC4276 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4276
Description  Auxiliary Power Support as Low as 9V
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4276 Datasheet(HTML) 3 Page - Linear Technology

  LTC4276 Datasheet HTML 1Page - Linear Technology LTC4276 Datasheet HTML 2Page - Linear Technology LTC4276 Datasheet HTML 3Page - Linear Technology LTC4276 Datasheet HTML 4Page - Linear Technology LTC4276 Datasheet HTML 5Page - Linear Technology LTC4276 Datasheet HTML 6Page - Linear Technology LTC4276 Datasheet HTML 7Page - Linear Technology LTC4276 Datasheet HTML 8Page - Linear Technology LTC4276 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LT4276
3
4276fa
For more information www.linear.com/LT4276
elecTrical characTerisTics
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VPORT, HSSRC, VIN Operating Voltage
At VPORT Pin
l
60
V
VSIG
VPORT Signature Range
At VPORT Pin
l
1.5
10
V
VCLASS
VPORT Classification Range
At VPORT Pin
l
12.5
21
V
VMARK
VPORT Mark Range
At VPORT Pin, After 1st Classification Event
l
5.6
10
V
VPORT AUX Range
At VPORT Pin, VAUX ≥ 6.45V
l
8
60
V
Signature/Class Hysteresis Window
l
1.0
V
Reset Threshold
l
2.6
5.6
V
VHSON
Hot Swap Turn-On Voltage
l
35
37
V
VHSOFF
Hot Swap Turn-Off Voltage
l
30
31
V
Hot Swap On/Off Hysteresis Window
l
3
V
Supply Current
VPORT, HSSRC & VIN Supply Current
VVPORT = VHSSRC = VVIN = 60V
l
2
mA
VPORT Supply Current During Classification VVPORT = 17.5V, RCLASS, RCLASS++ Open
l
0.7
1.0
1.3
mA
VPORT Supply Current During Mark Event
VVPORT = VMARK after 1st Classification Event
l
0.4
2.2
mA
Signature and Classification
Signature Resistance
VSIG (Note 4)
l
23.6
24.4
25.5
kΩ
Signature Resistance During Mark Event
VMARK (Note 4)
l
5.2
8.3
11.4
kΩ
RCLASS/RCLASS++ Voltage
–10mA ≥ IRCLASS ≥ –36mA
l
1.36
1.40
1.43
V
Classification Stability Time
VVPORT Step to 17.5V, RCLS = 35.7Ω
l
2
ms
Digital Interface
VAUXT
AUX Threshold
VPORT = 17.5V, VIN = VHSSRC = 18.5V
l
6.05
6.25
6.45
V
IAUXH
AUX Pin Current
VAUX = 6.05V, VPORT = 17.5V, VIN = 9V, VCC = 0V l
3.3
5.3
7.3
µA
T2P Output High
VVCC - VT2P, –1mA Load
l
0.3
V
T2P Leakage
VT2P = 0V
l
–1
1
µA
Hot Swap Control
IGPU
HSGATE Pull Up Current
VHSGATE - VHSSRC = 5V (Note 5)
l
–27
–22
–18
µA
HSGATE Voltage
–10µA Load, with respect to HSSRC
l
10
14
V
HSGATE Pull Down Current
VHSGATE - VHSSRC = 5V
l
400
µA
VCC Supply
VCCREG
VCC Regulation Voltage
l
7.2
7.6
8.0
V
Feedback Amplifier
VFB
FB31 Regulation Voltage
l
3.11
3.17
3.23
V
FB31 Pin Bias Current
RLDCMP Open
-0.1
µA
gm
Feedback Amplifier Average Trans-
Conductance
Time Average, –2µA < IITHB < 2µA
l
–52
–40
–26
µA/V
ISINK
ITHB Average Sink Current
Time Average, VFB31 = 0V
l
4.4
8.0
13.4
µA
Soft-Start
ISFST
Charging Current
VSFST = 0.5V, 3.0V
l
–49
–42
–36
µA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VVPORT = VHSSRC = VVIN = 40V, VVCC = VCCREG, ROSC, PG, and SG Open,
RFFSDLY = 5.23kΩ to GND. AUX connected to GND unless otherwise specified. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com