Electronic Components Datasheet Search
  English  ▼

X  

T110 Datasheet(PDF) 22 Page - Kemet Corporation

Part # T110
Description  Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T110 Datasheet(HTML) 22 Page - Kemet Corporation

Back Button T110 Datasheet HTML 18Page - Kemet Corporation T110 Datasheet HTML 19Page - Kemet Corporation T110 Datasheet HTML 20Page - Kemet Corporation T110 Datasheet HTML 21Page - Kemet Corporation T110 Datasheet HTML 22Page - Kemet Corporation T110 Datasheet HTML 23Page - Kemet Corporation T110 Datasheet HTML 24Page - Kemet Corporation T110 Datasheet HTML 25Page - Kemet Corporation T110 Datasheet HTML 26Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2031_T110_AXIAL_T212 • 3/6/2015 22
22
Tantalum Through-Hole Capacitors – Hermetically Sealed
T110 Series Axial MIL–PRF–39003 Polar Type and T212 (CSR13 Style)
Reverse Voltage
Althoughthesearepolarcapacitors,somedegreeoftransientvoltagereversalispermissible,asseenbelow.
Thecapacitorsshouldnotbeoperatedcontinuouslyinreversemode,evenwithintheselimits.
Temperature
Pecentage of Rated Voltage
+25°C
15
+85°C
5
+125°C
1
Mounting
AllencasedcapacitorswillpasstheResistancetoSolderingHeatTestofMIL–STD–202,Method210,ConditionC.Thistestsimulates
wavesolderoftopsideboardmountproduct.Thisdemonstrationofresistancetosolderheatisinaccordancewithwhatisbelievedto
betheindustrystandard.Moreseveretreatmentmustbeconsideredreflectiveofanimpropersolderingprocess.Theabovefigureisa
recommendedsolderwaveprofileforbothaxialandradialleadedsolidtantalumcapacitors.
Capacitor Marking
T110
T212
+K 10%
R56 µF
100 V
1330
Polarity, KEMET's
Identification & CAP Tol.
Nominal CAP ("R"
indicates decimal)
Voltage
Date Code
Date Code *
1stdigit=LastnumberofYear
2 = 2012
3 = 2013
4 = 2014
2nd and 3rddigit=WeekoftheYear
01 = 1stweekoftheYearto
52 = 52ndweekoftheYear
39003
01 - K
6003J
330 +
AAAA
Military Specification
Number
Specification Sheet
Number & K = KEMET
Military Dash Number
& J = Jan
Date Code &
Polarity
Case A
Lot Symbol
M39003
01
6003J
31433
330 AAAA +
Case B
Military Specification
Number
Specification Sheet
Number
Military Dash Number
& J = Jan
Source Code
Date Code ,
Polarity & Lot
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com