Electronic Components Datasheet Search
  English  ▼

X  

TMP86CM29 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TMP86CM29
Description  CMOS 8-Bit Microcontroller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CM29 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TMP86CM29 Datasheet HTML 1Page - Toshiba Semiconductor TMP86CM29 Datasheet HTML 2Page - Toshiba Semiconductor TMP86CM29 Datasheet HTML 3Page - Toshiba Semiconductor TMP86CM29 Datasheet HTML 4Page - Toshiba Semiconductor TMP86CM29 Datasheet HTML 5Page - Toshiba Semiconductor TMP86CM29 Datasheet HTML 6Page - Toshiba Semiconductor TMP86CM29 Datasheet HTML 7Page - Toshiba Semiconductor TMP86CM29 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TMP86FM29
2004-03-01
Note 2: The 86FM29 can not drive the 5V LCD panel because the electrical characteristics in 86FM29 is
altered from 86C829B/H29B/M29B/PM29A/PM29B/C929AXB. The recommended operating
condition of V3 pin in TMP86FM29 is 3.6V(max). For details, refer to “Electrical Characteristics”.
When the LCD booster circuit is used in 86FM29, connect the reference voltage and capacitor as
shown in "case2". Though the method of "case1" has been recommended in 86C829B
/H29B/M29B/PM29A/PM29B datasheets, the 86FM29 should not use method of "case1". Even if the
method of "case1" is used in the 86C829B/H29B/M29B/PM29A/PM29B/C929AXB, the function and
operation are not issue at all. However, if the "case2" is used, the booster ability becomes higher
than "case1". Therefore, when the application board is designed newly in future, the method of
"case2" is also recommended in 86C829B/H29B/M29B/PM29A/PM29B/C929AXB.
Note 3: Flash function, CPU wait period and serial PROM mode cannot be emulated in the 86C929AXB. If
the software including the flash function is executed in 86C929AXB, the operation process differs
from 86FM29.
VDD
VSS
V3
V2
V1
C1
C0
C
C
C
Reference voltage
(1 V)
VDD
VSS
V3
V2
C0
C1
V1
C
Reference voltage
(1 V)
C
C
Case 1
(For 86C829B/H29B/M29B/PM29A/PM29B/C929AXB)
Case 2
(For 86FM29 and 86C829B/H29B/M29B/
PM29A/PM29B/C929AXB)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com