Electronic Components Datasheet Search
  English  ▼

X  

80EPS Datasheet(PDF) 1 Page - International Rectifier

Part # 80EPS
Description  INPUT RECTIFIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80EPS Datasheet(HTML) 1 Page - International Rectifier

  80EPS Datasheet HTML 1Page - International Rectifier 80EPS Datasheet HTML 2Page - International Rectifier 80EPS Datasheet HTML 3Page - International Rectifier 80EPS Datasheet HTML 4Page - International Rectifier 80EPS Datasheet HTML 5Page - International Rectifier 80EPS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
I
F(AV)
Sinusoidal
waveform
V
RRM
800to 1600
V
I
FSM
1450
A
V
F
@80A, T
J
= 25°C
1.17
V
T
J
-40to150
°C
Characteristics
80EPS..
Units
80
A
Major Ratings and Characteristics
TO-247AC
Description/Features
The 80EPS rectifier
SAFE
IR series has been optimized
for very low forward voltage drop, with moderate leakage.
The glass passivation technology used has reliable opera-
tion up to 150° C junction temperature.
Typical applications are in input rectification and these
products are designed to be used with International
Rectifier Switches and Output Rectifiers which are
available in identical package outlines.
Package Outline
INPUT RECTIFIER DIODE
1
I2123 rev. B 11/99
V
F
< 1.17V @ 80A
I
FSM = 1450A
V
RRM 800 to 1600V
SAFE
IR Series
80EPS..


Similar Part No. - 80EPS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80EPS VISHAY-80EPS Datasheet
119Kb / 6P
Vishay High Power Products
07-Jul-09
logo
International Rectifier
80EPS08 IRF-80EPS08 Datasheet
102Kb / 6P
INPUT RECTIFIER DIODE
logo
Vishay Siliconix
80EPS08 VISHAY-80EPS08 Datasheet
170Kb / 7P
Input Rectifier Diode, 80 A
07-Jul-09
logo
Inchange Semiconductor ...
80EPS08 ISC-80EPS08 Datasheet
313Kb / 2P
Input Rectifier Diode
logo
International Rectifier
80EPS08PBF IRF-80EPS08PBF Datasheet
102Kb / 6P
INPUT RECTIFIER DIODE
More results

Similar Description - 80EPS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETS IRF-10ETS Datasheet
70Kb / 5P
INPUT RECTIFIER DIODE
25ETS08S IRF-25ETS08S Datasheet
142Kb / 7P
INPUT RECTIFIER DIODE
20ETS16S IRF-20ETS16S Datasheet
142Kb / 7P
INPUT RECTIFIER DIODE
10ETS12 IRF-10ETS12 Datasheet
165Kb / 7P
INPUT RECTIFIER DIODE
80EPSPBF IRF-80EPSPBF Datasheet
102Kb / 6P
INPUT RECTIFIER DIODE
20ETS08SPBF IRF-20ETS08SPBF Datasheet
176Kb / 7P
INPUT RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETS08F ISC-10ETS08F Datasheet
266Kb / 2P
Input Rectifier Diode
10ETS08S ISC-10ETS08S Datasheet
264Kb / 2P
Input Rectifier Diode
10ETS10 ISC-10ETS10 Datasheet
263Kb / 2P
Input Rectifier Diode
10ETS12S ISC-10ETS12S Datasheet
263Kb / 2P
Input Rectifier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com