Electronic Components Datasheet Search
  English  ▼

X  

TX2-48V Datasheet(PDF) 7 Page - Nais(Matsushita Electric Works)

Part # TX2-48V
Description  2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

TX2-48V Datasheet(HTML) 7 Page - Nais(Matsushita Electric Works)

  TX2-48V Datasheet HTML 1Page - Nais(Matsushita Electric Works) TX2-48V Datasheet HTML 2Page - Nais(Matsushita Electric Works) TX2-48V Datasheet HTML 3Page - Nais(Matsushita Electric Works) TX2-48V Datasheet HTML 4Page - Nais(Matsushita Electric Works) TX2-48V Datasheet HTML 5Page - Nais(Matsushita Electric Works) TX2-48V Datasheet HTML 6Page - Nais(Matsushita Electric Works) TX2-48V Datasheet HTML 7Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TX
Notes
1. Packing style
1) The relay is packed in a tube with the
relay orientation mark on the left side, as
shown in the figure below.
2) Tape and reel packing (surface-mount
terminal type)
(1) Tape dimensions
(i) SA type
mm inch
(ii) SL type
mm inch
(iii) SS type
mm inch
(2) Dimensions of plastic reel
mm inch
Orientation (indicates PIN No.1)stripe
Stopper (gray)
Stopper (green)
TX/TX-D/TX-S
-SMD relays
Tape coming out direction
16.0
.630
10.0 .394
4.0
.157
24.0 ±
0.3
.945 ±
.012
±0.2
9.2
±.008
.362
0.4
.016
C
B
A
D
Relay polarity bar
(Z type)
2.0
.079
11.5
.453
1.75
.069
15.5
.610
.059
dia.
+.004
0
1.5
dia.
+0.1
0
10.0
.394
16.0
TX/TX-D/TX-S
-SMD relays
Tape coming out direction
.630
4.0
.157
24.0 ±
0.3
.945 ±
.012
±0.2
10.8
±.008
.425
0.4
.016
Relay polarity bar
(Z type)
2.0
.079
11.5
.453
15.5
.610
1.75
.069
.059
dia.
+.004
0
1.5
dia.
+0.1
0
8.0
.315
16.0
TX/TX-D/TX-S
-SMD relays
Tape coming out direction
.630
4.0
.157
24.0 ±
0.3
.945 ±
.012
±0.2
10.8
±.008
.425
0.4
.016
Relay polarity bar
(Z type)
2.0
.079
11.5
.453
15.5
.610
1.75
.069
.059
dia.
+.004
0
1.5
dia.
+0.1
0
2.2 dia.
.087 dia.
±.024
.827
±0.6
21
dia.
dia.
±.020
.512
±0.5
13
dia.
dia.
±0.2
2.0
±.008
.079
+2
0
24.4
+.079
0
.961
.079±
.020
2.0±
0.5
±1
100
370
dia.
dia.
±2
±.039
3.937
14.567
dia.
dia.
±.079
For Cautions for Use, see Relay Technical Information.
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com