Electronic Components Datasheet Search
  English  ▼

X  

AFB0948M Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # AFB0948M
Description  Bearing Type Ball Bearings
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AFB0948M Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  AFB0948M Datasheet HTML 1Page - Delta Electronics, Inc. AFB0948M Datasheet HTML 2Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
92 x 92 x 25.4 MM SERIES
AFB
DIMENSIONS DRAWING
P & Q CURVE (AT RATED VOLTAGE)
MOUNTING PANEL CUTOUT
Bearing Type
Ball Bearing
Material
Impeller & Frame : Plastic (UL 94V-0)
Lead Wires :
UL 1007 AWG #24 O
Equivalent
Red Wire Positive (+)
Black Wire Negative (-)
Weight : 99g (3.49 oz)
s
R
*
*
*
*
* Function type is optional.
* The max. air flow and the speed are measured in free air ; max. air pressure is measured at zero air flow.
* Noise is measured in anechoic chamber in free air, one meter from intake side.
* All readings are typical values at rated voltage.
* Specifications are subject to change without notice.
Operating
Voltage
Range
MODEL
Rated
Voltage
Maximum
Air Flow
Rated
Input
Power
Rated
Current
Speed
Maximum
Air Pressure
Noise
FUNCTION
VDC
VDC
Amp
Watt
R.P.M.
3
m /min
CFM
mmH2O
IN H2O
dB-A
UNIT:
(INCH)
mm
LABEL
82.5 0.3
92.0 0.5
(3.622 0.020)
(3.248 0.012)
25.4 0.5
4.0 0.3
(1.000 0.020)
(0.157 0.012)
4.0 0.3
(0.157 0.012)
10.0
305.0 10.0
(0.394)
(12.008 0.394)
8- 4.5 0.3
(8- 0.177 0.012)
(3.248)
(3.465)
88.0
82.5
82.5
(3.465)
(3.248)
88.0
4- 4.5
(4- 0.177)
(4- 0.177)
4- 4.5
AFB0912L
-R00 / -F00
12
7.0 to 13.8
0.07
0.84
2100
1.050
37.08
2.53
0.100
25.0
AFB0924L
-R00 / -F00
24
14.0 to 27.6
0.06
1.44
AFB0948L
-R00 / -F00
48
28.0 to 56.0
0.05
2.40
AFB0912M
-R00 / -F00
12
7.0 to 13.8
0.11
1.32
2450
1.240
43.79
3.25
0.130
30.0
AFB0924M
-R00 / -F00
24
14.0 to 27.6
0.08
1.92
AFB0948M
-R00 / -F00
48
28.0 to 56.0
0.05
2.40
AFB0912H
-R00 / -F00
12
7.0 to 13.8
0.16
1.92
2850
1.450
51.21
4.50
0.177
34.0
AFB0924H
-R00 / -F00
24
14.0 to 27.6
0.10
2.40
AFB0948H
-R00 / -F00
48
28.0 to 56.0
0.06
2.88
AFB0912HH
-R00 / -F00
12
7.0 to 13.8
0.25
3.00
3200
1.640
57.92
5.62
0.221
38.0
AFB0924HH
-R00 / -F00
24
14.0 to 27.6
0.13
3.12
AFB0948HH
-R00 / -F00
48
28.0 to 56.0
0.08
3.84
AFB0912VH
-R00 / -F00
12
7.0 to 13.8
0.40
4.80
3800
1.920
67.80
7.67
0.302
45.0
AFB0924VH
-R00 / -F00
24
14.0 to 27.6
0.22
5.28
mm
(INCH)
UNIT:
OUTLET SIDE
INLET SIDE
http://www.deltaww.com
VH
HH
H
M
L
(M /MIN)
3
Air Flow
0
20.0
40.0
60.0
80.0
(CFM)
0.36
0.30
0.24
0.18
0.12
0.06
0
AFB0912/24X
0
0.5
1.0
2.0
1.5
2.5
9.0
7.5
6.0
3.0
1.5
0
4.5
PART NO.


Similar Part No. - AFB0948M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFB0948M ETC2-AFB0948M Datasheet
466Kb / 2P
92 x 92 x 25.4 MM SERIES
More results

Similar Description - AFB0948M

ManufacturerPart #DatasheetDescription
logo
Kepont Electronics, Inc...
KEST-481BT KEPONT-KEST-481BT Datasheet
188Kb / 1P
Ball Bearing
KEST-482BT KEPONT-KEST-482BT Datasheet
188Kb / 1P
Ball Bearing
KEST-482BW KEPONT-KEST-482BW Datasheet
188Kb / 1P
Ball Bearing
logo
AEL Crystals Ltd
FFB0812SH AEL-FFB0812SH Datasheet
142Kb / 1P
Bearing Type Ball Bearings
logo
List of Unclassifed Man...
EFB0424VHD ETC2-EFB0424VHD Datasheet
79Kb / 1P
Bearing Type Ball Bearings
logo
Delta Electronics, Inc.
FTA DELTA-FTA Datasheet
356Kb / 1P
Bearing Type Ball Bearings
GFB DELTA-GFB Datasheet
297Kb / 1P
Bearing Type Ball Bearings
EFB DELTA-EFB Datasheet
480Kb / 2P
Bearing Type Ball Bearings
logo
ebm-papst
6318H EBMPAPST-6318H Datasheet
111Kb / 1P
Ball bearing
logo
Delta Electronics, Inc.
FTA0102AA DELTA-FTA0102AA Datasheet
303Kb / 1P
Bearing Type Ball Bearings
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com