Electronic Components Datasheet Search
  English  ▼

X  

AFB0924SH Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # AFB0924SH
Description  Bearing Type Ball Bearings
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AFB0924SH Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  AFB0924SH Datasheet HTML 1Page - Delta Electronics, Inc. AFB0924SH Datasheet HTML 2Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.84
2.52
1.44
4.80
0.12
0.21
0.32
0.40
3.38
49.51
0.133
1.402
2300
46.0
6.65
8.76
72.74
81.47
0.262
0.345
2.060
2.307
3300
3800
2800
1.696
59.89
4.86
0.191
37.0
AFB0912M
AFB0912H
AFB0912HH
AFB0912VH
5.0 to 13.8
5.0 to 13.8
5.0 to 13.8
5.0 to 12.6
-F00
/
-R00
-F00
/
-R00
-F00
/
-R00
/
-R00
12
12
12
12
Range
VDC
Voltage
Operating
FUNCTION
PART NO.
VDC
MODEL
Voltage
Rated
Air Flow
Maximum
Power
Watt
Amp
R.P.M.
m /min
3
Rated
Input
Current
Rated
Speed
IN H O
CFM
mmH O
2
dB-A
2
Air Pressure
Maximum
Noise
1800
1.055
37.25
2.05
0.080
25.0
5.0 to 13.8
AFB0912L
-F00
12
1.20
0.10
-F00
/
-R00
REV.
-A
-A
-A
-A
-A
AFB0912SH
24
-R00 / -F00
-A
AFB0924L
AFB0924M
-A
/ -F00
24
-R00
AFB0924H
-A
-R00 / -F00
24
24
-F00
/
-R00
-A
AFB0924HH
24
-R00 / -F00
-A
AFB0924VH
24
12
-R00 / -F00
-R00 / -F00
-A
-A
AFB0924SH
5.0 to 12.6
0.75
9.00
4800
2.905
102.59
13.35
0.526
53.0
31.5
42.5
14.0 to 26.4
14.0 to 26.4
14.0 to 26.4
14.0 to 26.4
14.0 to 26.4
14.0 to 26.4
0.08
1.92
0.10
2.40
0.12
2.88
0.18
4.32
0.25
6.00
0.40
9.60
* Noise is measured in anechoic chamber in free air, one meter from intake side.
* All readings are typical values at rated voltage.
* The max. air flow and the speed are measured in free air ; max. air pressure is measured at zero air flow.
* Function type is optional.
* Specifications are subject to change without notice.
VH
H
HH
L
M
SH
(M /MIN)
(CFM)
1.2
Air Flow
0.6
0
0
24.0
10.0
5.0
7.5
2.5
0.2
0.1
0
0
0.3
0.4
3
2.4
1.8
48.0
72.0
3.0
96.0
AFB0912/24X-A
15.0
12.5
0.5
0.6
82.5
88.4
(3.480)
(3.248)
(4- 0.177)
4- 4.5
82.5
88.4
(3.480)
(3.248)
(4- 0.177)
4- 4.5
92 x 92 x 25.4 MM SERIES
AFB
DIMENSIONS DRAWING
P & Q CURVE (AT RATED VOLTAGE)
MOUNTING PANEL CUTOUT
mm
(INCH)
UNIT:
OUTLET SIDE
INLET SIDE
http://www.deltaww.com
(3.6226
0.020)
82.5
0.3
(3.248
0.012)
92.0
0.5
8- 4.5
0.3
(8- 0.177
0.012)
LABEL
310.0
10.0
(12.205
0.394)
(0.394)
10.0
(2-0.157
0.012)
(1.000
0.020)
2-4.0
0.3
25.4
0.5
(INCH)
mm
UNIT:
* Bearing Type
* Lead Wires :
* Weight : 120g (4.23 OZ)
* Material
Ball Bearings
UL 1007 AWG #24 OR Equivalent
Red Wire Positive(+)
Black Wire Negative(-)
Impeller & Frame : Plastic(UL 94V-0)
New



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com