Electronic Components Datasheet Search
  English  ▼

X  

ATS22C17Q Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATS22C17Q
Description  soft starter-ATS22-control 220V-power 230V(45kW)/400...440V(90kW)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATS22C17Q Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATS22C17Q Datasheet HTML 1Page - List of Unclassifed Manufacturers ATS22C17Q Datasheet HTML 2Page - List of Unclassifed Manufacturers ATS22C17Q Datasheet HTML 3Page - List of Unclassifed Manufacturers ATS22C17Q Datasheet HTML 4Page - List of Unclassifed Manufacturers ATS22C17Q Datasheet HTML 5Page - List of Unclassifed Manufacturers ATS22C17Q Datasheet HTML 6Page - List of Unclassifed Manufacturers ATS22C17Q Datasheet HTML 7Page - List of Unclassifed Manufacturers ATS22C17Q Datasheet HTML 8Page - List of Unclassifed Manufacturers ATS22C17Q Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Nov 1, 2019
1
Product data sheet
Characteristics
ATS22C17Q
soft starter-ATS22-control 220V-power
230V(45kW)/400...440V(90kW)
Main
Range of product
Altistart 22
Product or component
type
Soft starter
Product destination
Asynchronous motors
Product specific applica-
tion
Pumps and fans
Component name
ATS22
Network number of
phases
3 phases
[Us] rated supply volt-
age
230...440 V - 15...10 %
Motor power kW
45 KW 230 V
90 KW 400 V
90 kW 440 V
Factory setting current
162 A
Power dissipation in W
91 W for standard applications
Utilisation category
AC-53A
Type of start
Start with torque control (current limited to 3.5 In)
IcL starter rating
170 A for connection in the motor supply line for
standard applications
IP degree of protection
IP00
Complementary
Assembly style
With heat sink
Function available
Internal bypass
Supply voltage limits
195…484 V
Supply frequency
50...60 Hz - 10...10 %
Network frequency
45...66 Hz
Device connection
To the motor delta terminals
In the motor supply line
[Uc] control circuit voltage
230 V - 15...10 % 50/60 Hz
Control circuit consumption
20 W
Discrete output number
2
Discrete output type
Relay outputs R1 230 V running, alarm, trip, stopped, not stopped, starting, ready
C/O
Relay outputs R2 230 V running, alarm, trip, stopped, not stopped, starting, ready
C/O
Minimum switching current
100 mA at 12 V DC (relay outputs)
Maximum switching current
5 A 250 V AC resistive 1 relay outputs
5 A 30 V DC resistive 1 relay outputs
2 A 250 V AC inductive 0.4 20 ms relay outputs
2 A 30 V DC inductive 7 ms relay outputs
Discrete input number
3
Discrete input type
(LI1, LI2, LI3) logic, 5 mA 4.3 kOhm
Discrete input voltage
24 V <= 30 V
Discrete input logic
Positive logic LI1, LI2, LI3 at State 0: < 5 V and <= 2 mA at State 1: > 11 V, >= 5
mA
Output current
0.4...1 Icl adjustable
PTC probe input
750 Ohm
Communication port protocol
Modbus
Connector type
1 RJ45


Similar Part No. - ATS22C17Q

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ATS22C YAGEO-ATS22C Datasheet
426Kb / 7P
Transient Voltage Suppressors (TVS)
Jul. 05, 2023 V.3
ATS22C YAGEO-ATS22C Datasheet
425Kb / 7P
Transient Voltage Suppressors (TVS)
Jul. 05, 2023 V.3
logo
Schneider Electric
ATS22C25Q SCHNEIDER-ATS22C25Q Datasheet
231Kb / 10P
soft starter-ATS22-control 220V-power
Aug 9, 2019
ATS22C25S6U SCHNEIDER-ATS22C25S6U Datasheet
232Kb / 11P
ATS22 - control 110 V - power 208 V (75hp)
Jan 6, 2022
ATS22C41Q SCHNEIDER-ATS22C41Q Datasheet
231Kb / 10P
soft starter-ATS22-control 220V-power 230V(110kW)/400...440V(220kW)
Aug 9, 2019
More results

Similar Description - ATS22C17Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATS22D47Q ETC1-ATS22D47Q Datasheet
222Kb / 10P
soft starter-ATS22-control 220V-power 230V(11kW)/400...440V(22kW)
logo
Schneider Electric
ATS22D17Q SCHNEIDER-ATS22D17Q Datasheet
223Kb / 43P
soft starter-ATS22-control 220V-power 230V(4kW)/400...440V(7.5kW)
ATS22C25Q SCHNEIDER-ATS22C25Q Datasheet
231Kb / 10P
soft starter-ATS22-control 220V-power
Aug 9, 2019
ATS22C41Q SCHNEIDER-ATS22C41Q Datasheet
231Kb / 10P
soft starter-ATS22-control 220V-power 230V(110kW)/400...440V(220kW)
Aug 9, 2019
ATS22D32Q SCHNEIDER-ATS22D32Q Datasheet
281Kb / 11P
soft starter-ATS22-control 220V-power 230V(7.5kW)/400...440V(15kW)
Aug 9, 2019
ATS22D62S6U SCHNEIDER-ATS22D62S6U Datasheet
272Kb / 10P
soft starter-ATS22-control110V-power
Aug 9, 2019
ATS22D75Q SCHNEIDER-ATS22D75Q Datasheet
283Kb / 11P
soft starter-ATS22-control 220V-power 230V(18.5kW)/400...440V(37kW)
Aug 9, 2019
ATS22D88Q SCHNEIDER-ATS22D88Q Datasheet
283Kb / 11P
soft starter-ATS22-control 220V-power 230V(22kW)/400...440V(45kW)
Aug 9, 2019
ATS480D22Y SCHNEIDER-ATS480D22Y Datasheet
404Kb / 9P
Altivar Soft Starter ATS480, 22 A, 208...690V AC, control supply 110...230V AC
Apr 30, 2022
ATS480D62Y SCHNEIDER-ATS480D62Y Datasheet
403Kb / 9P
Altivar Soft Starter ATS480, 62 A, 208...690V AC, control supply 110...230V AC
Apr 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com