Electronic Components Datasheet Search
  English  ▼

X  

SNP-HF87 Datasheet(PDF) 3 Page - Skynet Electronic Copyright

Part # SNP-HF87
Description  Medical & ITE General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-HF87 Datasheet(HTML) 3 Page - Skynet Electronic Copyright

  SNP-HF87 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-HF87 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-HF87 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-HF87 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4-3
** This data sheet is only for models selection. For business, engineering specification by model must be used.
-Jim-
Rated
80W
Max.
100W
Peak
120W
SNP-HF8 Series
Medical & ITE
General Purpose
DEC. 2017
Performance for SNP-HF87-A:
3. Output turn on wave form
4. Output turn off wave form
2. Line frequency ripple
1. Switching frequency ripple
5. Hold-up time
6. Over voltage protection
+12V/6.66A
5us/div, 50mV/div
5ms/div, 50mV/div
5.0V/div, 5ms/div
5.0V/div
10ms/div
50V/div
5.0V/div, 20ms/div
5.0V/div, 20ms/div
Primary DC
Trip point around 14.8V (60% Rated load)
+12V/6.66A
+12V/6.66A
+12V/6.66A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com