Electronic Components Datasheet Search
  English  ▼

X  

SNP-HF88 Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-HF88
Description  Medical & ITE General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-HF88 Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-HF88 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-HF88 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-HF88 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-HF88 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
4-2
DEC. 2017
-Jim-
Rated
80W
Max.
100W
Peak
120W
SNP-HF8 Series
Medical & ITE
General Purpose
Output Specifications:
Note:
1. Standby Power Cosumption with System:
For computers and displays, ENERGY STAR in U.S. and ErP regulation in Europe require the input power should be less than 0.5W at standby mode.
2. Output Load:
80W for convection cooling; 100W for forced air cooling.
3. Peak Load Duration:
Peak 120W can last for 5 sec.
4. Isolation Grade:
Primary
Ground
: 1MOPP (1500Vac)
Primary
Secondary : 2MOPP (4000Vac)
Secondary
Ground
: 1MOPP (1500Vac)
5. Leakage Current:
Earth leakage current < 300uA
Touch current < 100uA
6. EMI Grounding:
If there is a metal sheet under the power supply, connect the EMI ground to that metal sheet.
7. Model Selection:
Most of power supplies will create audible burst sound at light load, if the application wants to meet input power < 0.5W at standby mode.
SNP-HF8x is for ITE & Medical applications which require standby mode.
SNP-HF8x-A is for ITE & Medical applications but without burst sound and no standby mode.
SNP-HF8x-H is for Home Healthcare Application, intput class II and EMI class B.
8. The safety application will be proceeded upon request.
←
→
←
→
←
→
MODEL
OUTPUT
LOAD
INITIAL
STEP EFFICIENCY
AVERAGE
NO.
RAIL
MIN. RATED MAX. PEAK
ACCURACY
@ 20% LOAD @ 50% LOAD @ 100% LOAD EFFICIENCY
SNP-HF87
85%
86%
87%
86%
SNP-HF87-A
+12V
0A 6.66A 7.5A
9A
+11.8V~+12.2V
80%
83%
83%
82%
SNP-HF87-H
SNP-HF88
85%
86%
87%
86%
SNP-HF88-A
+15V
0A 5.33A 6.66A
8A
+14.8V~+15.2V
80%
84%
86%
82%
SNP-HF88-H
SNP-HF89
85%
86%
87%
86%
SNP-HF89-A
+24V
0A 3.33A 4.6A 5.3A
+23.8V~+24.2V
82%
85%
86%
85%
SNP-HF89-H
SNP-HF8T
85%
86%
87%
86%
SNP-HF8T-A
+48V
0A 1.67A 2.1A 2.71A
+47.6V~+48.4V
83%
87%
86%
85%
SNP-HF8T-H



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com