Electronic Components Datasheet Search
  English  ▼

X  

TAS Datasheet(PDF) 5 Page - TDK Electronics

Part # TAS
Description  sensors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TAS Datasheet(HTML) 5 Page - TDK Electronics

  TAS Datasheet HTML 1Page - TDK Electronics TAS Datasheet HTML 2Page - TDK Electronics TAS Datasheet HTML 3Page - TDK Electronics TAS Datasheet HTML 4Page - TDK Electronics TAS Datasheet HTML 5Page - TDK Electronics TAS Datasheet HTML 6Page - TDK Electronics TAS Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
製品をより正しく、安全にご使用いただくために、さらに詳細な特性・仕様をご確認いただける納入仕様書をぜひご請求ください。
記載内容は、改良その他により予告なく変更する場合がありますので、あらかじめご了承ください。
(5/7)
20171127 / sensor_angle_tas_ja.fm
SENSORS
TAS2143-AAAA(3.0Vp-p 差動出力@5V、2 Full Bridge)
形状と寸法(TSSOP8)
絶対最大定格
1) 1mT = 795.8A/m.
推奨動作条件
電気的特性例
TOPT=25°C, BEXT=30mT, VSIN=2.7 to 5.5V. VCOS=2.7 to 5.5V unless otherwise specified
* LT=-40°C., RT=25°C., HT=150°C
Items
Parameter
Conditions
min.
typ.
max.
Unit
Vcc
Supply Voltage
6.5
Volt
Hex
External Magnetic field
5min
200
mT 1)
ESD HBM
ESD tolerance: Human Body Model
4000
Volt
ESD MM
ESD tolerance: Machine Model
400
Volt
T opt
Operating Ambient Temperature
–40
150
°C
T stg
Storage Temperature
–55
150
°C
T reflow
Reflow Temperature
260
°C
Items
Parameter
Conditions
min.
typ.
max.
Unit
Vcc
Supply Voltage
3
5
5.5
Volt
T opt
Operating Ambient Temperature
–40
25
150
°C
Hex
External Magnetic field
20
80mT
Items
Parameter
Conditions
min.
typ.
max.
Unit
R bridge
Bridge Resistance
T opt=25°C, Hex=30mT
456
k
V out
Differential Output Voltage Peak to Peak per Vcc
T opt=25°C, Hex=30mT
0.54
0.6
0.67
V/V
Angle Error (After
compensation)
T opt=–40°C to 150°C
Nominal Magnetic Range: 20mT to 80mT
0.8
deg
Orthogonality
T opt=–40°C to 150°C, 20mT to 80mT
87
90
93
deg
V offset
Differenlial Output Offset as an "initial offset"
per supply Voltage, 20mT to 80mT
–5
—
5
mV/V
TC output
Temperature Coefficient of Differential Output
T opt=–40°C to 150°C, 20mT to 80mT
–0.115
–0.095
–0.075
%/K
TC R bridge
Temperature Coefficient of Bridge Resistance
T opt=–40°C to 150°C, 20mT to 80mT
–0.070
–0.050
–0.030%/K
Hyst.
Hysteresis of Output Voltage
more than Hex=20mT
No Hysteresis
k
Amplitude Synchronism ratio
T opt=25°C, Hex=30mT
97
100
103
%
TCk
Temperature Coefficient of Amplitude Synchronism
T opt=–40°C to 150°C, 20mT to 80mT
–0.015
0.015
%/K
4.4±0.2
6.4±0.2
1.0±0.1
0.5±0.15
0.08±0.05
Dimensions in mm
–Sin
+Sin
Vsin
Gsin
Gcos
Vcos
–Cos
+Cos
1
4
8
5
Pin assignment
1
–Sin
2
Vsin
3
+Sin
4
Gsin
5
+Cos
6
Vcos
7
–Cos
8
Gcos
NO.
Function



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com