Electronic Components Datasheet Search
  English  ▼

X  

TFT Datasheet(PDF) 5 Page - Kyocera Kinseki Corpotation

Part # TFT
Description  Display the Difference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TFT Datasheet(HTML) 5 Page - Kyocera Kinseki Corpotation

  TFT Datasheet HTML 1Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 2Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 3Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 4Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 5Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 6Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 7Page - Kyocera Kinseki Corpotation TFT Datasheet HTML 8Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page 4
5
displaysales@kyocera.com
Size Resolution Part Number
Nits
Con-
trast
Back-
light
CCC
built-in
Inter-
face
Viewing Angle Operating
Temp.
Features
7.5”
640 x 480
TCG075VGLEAANN-GN00
400
500:1
LED
-
CMOS
(h|v): ±80| -80/80
-20 to 70oC
7.5”
640 x 480
TCG075VGLDA-G00
250
500:1
LED
-
CMOS
(h|v): ±80| -80/80
-20 to 70oC
7.5”
640 x 480
TCG075VGLCE-G00
280
500:1
LED
-
CMOS
(h|v): ±80 | -80/80
-20 to 70oC
8.4”
640 x 480
TCG084VGLAAANN-AN00
450
500:1
LED
-
CMOS
(h|v): ±65 | -65/60
-20 to 70oC
8.4”
640 x 480
TCG084VGLAAANN-AN50
850
500:1
LED
-
CMOS
(h|v): ±65 | -65/60
-20 to 70oC
HB
8.4”
640 x 480
TCG084VGLACANN-AN00
550
500:1
LED
-
CMOS
(h|v): ±70 | -70/60
-20 to 70oC
8.4”
800 x 600
TCG084SVLPAANN-AN20
400
800:1
LED
Yes
LVDS
(h|v): ±80 | -60/80
-20 to 70oC
8.4”
800 x 600
TCG084SVLP*ANN-AN*13
750
800:1
LED
Yes
LVDS
(h|v): ±80 | -60/80
-20 to 70oC
HB
8.4”
800 x 600
TCG084SVLQAPNN-AN20
400
500:1
LED
Yes
LVDS
(h|v): ±85 | ±85
-20 to 70oC
AWV
8.4”
800 x 600
T-55786GD084J-LW-AAN
600
1000:1
LED
Yes
LVDS
(h|v): ±85 | ±85
-30 to 80oC
AWV
8.4”
800 x 600
T-55786GD084J-LW-ACN
1200
1000:1
LED
Yes
LVDS
(h|v): ±85 | ±85
-30 to 80oC
AWV, SHB
8.5”
800 x 480
TCG085WVLCB-G00
400
500:1
LED
-
CMOS
(h|v): ±60 | -45/60
-20 to 70oC
8.5”
800 x 480
TCG085WVLQDPNN-GN00
400
500:1
LED
-
CMOS
(h|v): ±85 | ±85
-20 to 70oC
AWV
10.1” 1280 x 800
TCG101WXLP*ANN-AN*03
400
800:1
LED
Yes
LVDS
(h|v): ±80 | -60/80
-20 to 70oC
10.4” 640 x 480
TCG104VGLAAANN-AN00
400
500:1
LED
-
CMOS
(h|v): ±70 | -70/60
-20 to 70oC
10.4” 640 x 480
TCG104VGLAAANN-AN20
400
500:1
LED
Yes
CMOS
(h|v): ±70 | -70/60
-20 to 70oC
10.4” 640 x 480
TCG104VGLABANN-AN50
800
500:1
LED
-
CMOS
(h|v): ±70 | -70/60
-20 to 70oC
HB
10.4” 800 x 600
TCG104SVLPAANN-AN20
450
900:1
LED
Yes
LVDS
(h|v): ±80 | -60/80
-20 to 70oC
10.4” 800 x 600
TCG104SVLPEANN-AN30
700
900:1
LED
Yes
LVDS
(h|v): ±80 | -60/80
-20 to 70oC
HB,
10.4” 800 x 600
TCG104SVLQAPNN-AN20
400
500:1
LED
Yes
LVDS
(h|v): ±85 | ±85
-20 to 70oC
AWV
10.4” 800 x 600
T-55787GD104J-LW-AAN
700
1000:1
LED
Yes
LVDS
(h|v): ±85 | ±85
-30 to 80oC
AWV, HB
10.4” 800 x 600
T-55787GD104J-LW-ACN
1200
1000:1
LED
Yes
LVDS
(h|v): ±85 | ±85
-30 to 80oC
AWV, SHB
12.1” 800 x 600
TCG121SVLPBANN-AN00
500
1000:1
LED
-
CMOS
(h|v): ±80 | -65/80
-20 to 70oC
12.1” 800 x 600
TCG121SVLPAANN-AN20
500
1000:1
LED
Yes
LVDS
(h|v): ±80 | ±80
-20 to 70oC
12.1” 800 x 600
TCG121SVLPAANN-AN*16
800
1000:1
LED
Yes
LVDS
(h|v): ±80 | ±80
-20 to 70oC
12.1” 800 x 600
TCG121SVLQAPNN-AN20
450
500:1
LED
Yes
LVDS
(h|v): ±85 | ±85
-20 to 70oC
AWV
12.1” 800 x 600
T-55788GD121J-LW-AAN
600
850:1
LED
Yes
LVDS
(h|v): ±85 |±85
-30 to 80oC
AWV
12.1” 800 x 600
T-55788GD121J-LW-ACN
1200
850:1
LED
Yes
LVDS
(h|v): ±85 | ±85
-30 to 80oC
AWV, SHB
12.1” 1024 x 768
TCG121XGLP*PNN-AN*37
400
900:1
LED
Yes
LVDS
(h|v): ±85 | ±85
-30 to 80oC
AWV
12.1” 1280 x 800
TCG121WXLP*PNN-AN*01
500
500:1
LED
Yes
LVDS
(h|v): ±85 | ±85
-20 to 70oC
AWV,



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com