Electronic Components Datasheet Search
  English  ▼

X  

TAS2140 Datasheet(PDF) 3 Page - TDK Electronics

Part # TAS2140
Description  sensors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TAS2140 Datasheet(HTML) 3 Page - TDK Electronics

  TAS2140 Datasheet HTML 1Page - TDK Electronics TAS2140 Datasheet HTML 2Page - TDK Electronics TAS2140 Datasheet HTML 3Page - TDK Electronics TAS2140 Datasheet HTML 4Page - TDK Electronics TAS2140 Datasheet HTML 5Page - TDK Electronics TAS2140 Datasheet HTML 6Page - TDK Electronics TAS2140 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
製品をより正しく、安全にご使用いただくために、さらに詳細な特性・仕様をご確認いただける納入仕様書をぜひご請求ください。
記載内容は、改良その他により予告なく変更する場合がありますので、あらかじめご了承ください。
(3/7)
20171127 / sensor_angle_tas_ja.fm
SENSORS
TASシリーズ
品番の呼称法
(1) Sensor technology
(2) Typical Application
(3) Sensor type
(4) Bridge/System
(5) Bridge type
(6) Sensor axes
(7) Internal code
(8) Sensor packege
(9) Grade
(10) Specials
(11) Product internal code
製品ラインナップ
TAS2141-AAAB: 1.5Vp-p
差動出力@5V
TAS2143-AAAA: 3.0Vp-p
差動出力@5V
TAS4140-BAAB: 1.5Vp-p
差動出力@5V、(冗長性対応)
TAS4142-BAAB: 3.0Vp-p
差動出力@5V、(冗長性対応)
T
A
S
2141
-
AAAB
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
TTMR
AAngle
S
Sensor only
22
44
1F
ull bridge
4XY
00
11
22
33
A
TSSOP8
B
TSSOP16
A
Automotive
Anone
A1
B2
Product name
Sensor
technology
Typical
application
Sensor
type
Bridge/
System
Bridge
type
Sensor
axes
Internal
code
Sensor
packege
Grade
Specials
Product
internal
code
TAS2141-AAAB
TMR
Angle
Sensor only 2
F
ull bridge XY
1
TSSOP8
Automotive
none
1
TAS2143-AAAA
TMR
Angle
Sensor only 2
F
ull bridge XY
2
TSSOP8
Automotive
none
1
TAS4140-BAAB
TMR
Angle
Sensor only 4
F
ull bridge XY
0
TSSOP16
Automotive
none
1
TAS4142-BAAB
TMR
Angle
Sensor only 4
F
ull bridge XY
1
TSSOP16
Automotive
none
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com