Electronic Components Datasheet Search
  English  ▼

X  

SNP-POET Datasheet(PDF) 1 Page - Skynet Electronic Copyright

Part # SNP-POET
Description  Ethernet Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-POET Datasheet(HTML) 1 Page - Skynet Electronic Copyright

  SNP-POET Datasheet HTML 1Page - Skynet Electronic Copyright SNP-POET Datasheet HTML 2Page - Skynet Electronic Copyright SNP-POET Datasheet HTML 3Page - Skynet Electronic Copyright SNP-POET Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
Ethernet Adapter
-Jim-
Rated 4.2W~16.8W
SNP-POE Series
4-1
NOV. 2016
Notes:
1. Size:
54 x 110 x 33 (mm)
2. Connectors:
AC input :
IEC 320 C8: SNP-POEx
Device connector : RJ45
Ethernet connector : RJ45
3. Output Pin assignment:
4. Box Color : Black
5. Packing:
Net weight: 140 g approx. / unit
Gross weight: 19 kg approx. / carton, 120 units / carton
Carton size (mm): 535 (L) x 489 (W) x 314 (H)
Mechanical Specifications:
Over current protection .................................... auto recovery
Operating temperature ..................................... -20oC to 60oC
above 40oC, derate at 2.5% per degree
Cooling .................................................... free air convection
Storage temperature ..................................... -20oC to +85oC
EMI ................................................................ FCC class "B"
CISPR22 level "B"
EMS ...................................... EN61000-4-2, -3, -4, -5,-6,-11
Safety .........................................................UL 60950-1, LPS
CSA C22.2 No. 60950-1
TUV EN60950-1
Input voltage ......................................... 90 VAC to 264 VAC
Input frequency ............................................. 47 Hz to 63 Hz
Inrush current (cold start at 25oC) .............< 60A at 230VAC
Meet green mode ....................................< 0.5W (at no load)
Efficiency .............................. 75%~85% depends on models
Holdup time .................................................... 16 ms typical
at rated load and 115VAC
Over voltage protection ........................................... latch off
Short circuit protection .................................... auto recovery
Description:
Model available:
SNP-POE series is an adapter for Ethernet application.
It delivers power to end device through four idle line of
Ethernet cable. To prevent the tiny signal line get hurt,
the rated current allowed is 350mA, the trip point of
over current protection is around 450mA. At no load
condition, this series meets green power regulation.
General Specifications:
●
SNP-POE7 for 12V/0.35A
●
SNP-POE9 for 24V/0.35A
●
SNP-POET for 48V/0.35A
10 years Warranty (contact Skynet's Distributors for details)
54 x 110 x 33 (mm)
110.0(4.33")
54.0
(2.13")
Device Ethernet
Inlet
C8
33.0
(1.3")


Similar Part No. - SNP-POET

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-P155-S SKYNET-SNP-P155-S Datasheet
629Kb / 4P
Medical & ITE General Purpose
SNP-P157-S SKYNET-SNP-P157-S Datasheet
629Kb / 4P
Medical & ITE General Purpose
SNP-P158-S SKYNET-SNP-P158-S Datasheet
629Kb / 4P
Medical & ITE General Purpose
SNP-P159-S SKYNET-SNP-P159-S Datasheet
629Kb / 4P
Medical & ITE General Purpose
SNP-P15G-S SKYNET-SNP-P15G-S Datasheet
629Kb / 4P
Medical & ITE General Purpose
More results

Similar Description - SNP-POET

ManufacturerPart #DatasheetDescription
logo
Level One
LXT905 LVL1-LXT905 Datasheet
673Kb / 26P
Universal Ethernet Interface Adapter
LXT908 LVL1-LXT908 Datasheet
2Mb / 32P
Universal Ethernet Interface Adapter
LXT944 LVL1-LXT944 Datasheet
1Mb / 26P
Quad Ethernet Interface Adapter
logo
Phihong USA Inc.
POE30U-560 PHIHONG-POE30U-560 Datasheet
96Kb / 3P
30W Power Over Ethernet Adapter
POE30U-560GHT PHIHONG-POE30U-560GHT Datasheet
110Kb / 4P
30W Power Over Ethernet Adapter
POE60U-560G PHIHONG-POE60U-560G Datasheet
125Kb / 3P
60W Power Over Ethernet Adapter
POE80U-560G PHIHONG-POE80U-560G Datasheet
377Kb / 3P
80W Power Over Ethernet Adapter
POE80U-560G PHIHONG-POE80U-560G_11 Datasheet
90Kb / 3P
80W Power over Ethernet Adapter
POE20U-560 PHIHONG-POE20U-560_14 Datasheet
81Kb / 3P
19.6W Power over Ethernet Adapter
POE36D-1AT PHIHONG-POE36D-1AT Datasheet
184Kb / 3P
33.6W Power over Ethernet Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com