Electronic Components Datasheet Search
  English  ▼

X  

LS1021A Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # LS1021A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1021A Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button LS1021A Datasheet HTML 37Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 38Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 39Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 40Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 41Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 42Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 43Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 44Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
Architecture
TWR-LS1021A Reference Manual, Rev. 0
2-26
Freescale Semiconductor
2.20
JTAG port
The COP/JTAG architecture is shown in Figure 2-20.
Figure 2-20. JTAG/COP connections
JTAG commands are accepted from the standard COP/JTAG/CCS header and are sent to LS1021A. JTAG
could be accessed by external emulator or MBED.
JTAG RST connect to CPLD to generate PORESET signals only at power up.
2.21
GPIO pins
The LS1021A has no dedicated GPIO pins; instead, GPIO functions are multiplexed internally on other
signals, which must be disabled before using the GPIO functions. Because GPIO is not needed for board
operation, GPIO evaluation is strictly limited to validation purposes.
In an addition, to remain those GPIO pins primary function, CPLD registers will offer GPIO pin functions
for TWR modules control.
Table 2-18. GPIO mapping
DUT Primary
Function
DUT GPIO
Function
Notes
GPIO
GPIO_3[13]
Connect to TWR-ELEV pin A10.
GPIO
GPIO_3[14]
Connect to TWR-ELEV pin B23.
ASLEEP, RTC, etc
GPIO_1[13:26]
Required for non-GPIO function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com