Electronic Components Datasheet Search
  English  ▼

X  

TCP223 Datasheet(PDF) 7 Page - TT Electronics.

Part # TCP223
Description  1 KEY TOUCH PAD DETECTOR IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

TCP223 Datasheet(HTML) 7 Page - TT Electronics.

Back Button TCP223 Datasheet HTML 3Page - TT Electronics. TCP223 Datasheet HTML 4Page - TT Electronics. TCP223 Datasheet HTML 5Page - TT Electronics. TCP223 Datasheet HTML 6Page - TT Electronics. TCP223 Datasheet HTML 7Page - TT Electronics. TCP223 Datasheet HTML 8Page - TT Electronics. TCP223 Datasheet HTML 9Page - TT Electronics. TCP223 Datasheet HTML 10Page - TT Electronics. TCP223 Datasheet HTML 11Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Preliminary
TTP223
08’/04/07
Page 7 of 11
Ver :1.0
APPLICATION CIRCUIT
TTP223-ASB SSOP-16
Sense Pad
VDD
104
C1
Cs
NC 9
NC 10
Q 11
OPDQ 12
VSS 13
TOG 15
LPMB 14
VDD 16
8 NC
7 NC
6 I
5 MOTB
4 SLRFTB
3 RST
2 AHLB
1 NC
PS:1. On PCB, the length of lines from touch pad to IC pin shorter is better.
And the lines do not parallel and cross with other lines.
2. The power supply must be stable. If the supply voltage drift or shift quickly, maybe causing
sensitivity anomalies or false detections.
3. The material of panel covering on the PCB can not include the metal or the electric element.
The paints on the surfaces are the same.
4. The capacitance Cs can be used to adjust the sensitivity. The value of Cs use smaller, then
the sensitivity will be better. The sensitivity adjustment must according to the practical
application on PCB. The range of Cs value is 0~50pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com