Electronic Components Datasheet Search
  English  ▼

X  

SNP-V307 Datasheet(PDF) 1 Page - Skynet Electronic Copyright

Part # SNP-V307
Description  Medical & ITE General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-V307 Datasheet(HTML) 1 Page - Skynet Electronic Copyright

  SNP-V307 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-V307 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-V307 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-V307 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JUL. 2018 ** This data sheet is only for models selection. For business, engineering specification by model must be used.
-Jim-
Rated
300W
Max.
400W
Peak
480W
SNP-V30 Series
4-1
Medical & ITE
General Purpose
Input voltage ......................................... 90 VAC to 264 VAC
Input frequency ............................................. 47 Hz to 63 Hz
Inrush current ................................< 30/60A at 115/230VAC
Efficiency ....................................................................... 90%
Hold up time ............................................................. > 16 ms
Over load/Short circuit protection ................... auto recovery
Over voltage protection ............................................latch off
Operating temperature ..................................... -30oC to 70oC
derating: 2.5% / oC > 50oC for convection cooling
Storage temperature ..................................... -40oC to +85oC
Cooling ..........................................300W free air convection
400W 33 CFM forced
EMI ................................................. EN55022 "B", FCC "B"
Harmonics............................................EN61000-3-2, class D
EMS...................................... EN61000-4-2,-3,-4,-5,-6,-8,-11
Safety .................................UL/CSA/EN60950-1, 2nd edition
ANSI/AMMI/CSA/EN60601-1, 3.1 edition
CB report, CE mark, RM report/file
Mechanical Specifications:
General Specifications:
Features:
Notes:
1. Size:
4" x 6" x 1.38"
2. Mounting Hole:
90.2 x 141 (mm)
3. Connectors:
AC input: JST B2P3-VH or equivalent
DC output: JST B12P-VH or
Terminal blocks or equivalent
Fan:
Molex 5045-02A or equivalent
4. Output Pin assignment:
5. Packing:
Net weight: 515 g approx. / unit
Gross weight: 14.5 kg approx. / carton, 24 units / carton
Carton size (mm): 403 (L) x 324 (W) x 277 (H)
4" x 6" x 1.38"
101.6
(4")
35.0 Max.
(1.38")
152.4 (6")
1
2
3
4
5
6
7
8
9 10 11 12
GND GND GND GND GND GND Vo Vo Vo Vo Vo Vo
●
Peak load (1.6 ~ 2 x rated current, Vo=rated for 5 sec)
●
Design for BF application
●
Convection cooling for Rated power
●
Wide trimmable output voltage
●
With Fan output, fan start-up at >30% loading
●
EMI class B
●
PF > 0.93
●
-30oC to +70oC operating temperature
●
5,000m operation altitude
Applications:
●
For peak load and surge load applications, such as mo-
tor drive, coffee machine, vending machine, gaming
machine, and other industrials.
●
For EMI class B application, such as home healthcare
device, and other medical devices.
10 years Warranty (contact Skynet's Distributors for details)


Similar Part No. - SNP-V307

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-V307-C SKYNET-SNP-V307-C Datasheet
646Kb / 4P
Medical & ITE General Purpose
SNP-V307-U SKYNET-SNP-V307-U Datasheet
627Kb / 4P
Medical & ITE General Purpose
More results

Similar Description - SNP-V307

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-V30X-U SKYNET-SNP-V30X-U Datasheet
627Kb / 4P
Medical & ITE General Purpose
SNP-P40X-S SKYNET-SNP-P40X-S Datasheet
319Kb / 2P
Medical & ITE General Purpose
SNP-V12 SKYNET-SNP-V12 Datasheet
587Kb / 4P
Medical & ITE General Purpose
SNP-V20 SKYNET-SNP-V20 Datasheet
487Kb / 4P
Medical & ITE General Purpose
SNP-V20X-U SKYNET-SNP-V20X-U Datasheet
662Kb / 4P
Medical & ITE General Purpose
SNP-E30 SKYNET-SNP-E30 Datasheet
478Kb / 4P
Medical & ITE General Purpose
SNP-G16X-C SKYNET-SNP-G16X-C Datasheet
613Kb / 4P
Medical & ITE General Purpose
SNP-G16X-U SKYNET-SNP-G16X-U Datasheet
567Kb / 4P
Medical & ITE General Purpose
SNP-G20X-U SKYNET-SNP-G20X-U Datasheet
608Kb / 4P
Medical & ITE General Purpose
SNP-HF6 SKYNET-SNP-HF6 Datasheet
613Kb / 4P
Medical & ITE General Purpose
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com