Electronic Components Datasheet Search
  English  ▼

X  

RFIC10 Datasheet(PDF) 2 Page - 3M Electronics

Part # RFIC10
Description  3M Flux Field Directional Materials RFIC Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

RFIC10 Datasheet(HTML) 2 Page - 3M Electronics

  RFIC10 Datasheet HTML 1Page - 3M Electronics RFIC10 Datasheet HTML 2Page - 3M Electronics RFIC10 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(2)
3M™ Flux Field Directional Materials RFIC Series Typical Properties (Sheet Package Available)
Note: The following technical information and data should be considered representative or typical only and should not
be used for specification purposes.
1
This value was measured with Agilent E4991A RF Impedance/Material analyzer.
2
Tested in accordance with ASTM D257 test method.
3
Test method is JIS K6251.
• Electromagnetic Properties of 3M FFDM RFIC Series material
1M
10M
100M
1G
0
10
20
30
40
50
60
Frequency [Hz]
RFIC
3M™ Flux Field Directional Materials RFIC Series
Properties
Typical Value
Type of Absorber Material
Magnetic particle embedded in polymer resin composite
Product Structure
FFDM sheet with one side double coated adhesive tape
RFIC10
RFIC15
RFIC20
RFIC25
RFIC30
Thickness
Absorber:
0.10mm
0.15mm
0.20mm
0.25mm
0.30mm
Adhesive:
0.01, 0.02, 0.03 (standard) mm
Magnetic Permeability1
42.5 ~ 47
Standard Size
210mm x 297mm
Resistivity2
Min. 1 x 106 Ω
Operating Temperature
-30 ~ +85°C
Tensile Strength3
6MPa (min.)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com