Electronic Components Datasheet Search
  English  ▼

X  

MAX-7 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # MAX-7
Description  u-blox 7 GNSS modules
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MAX-7 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MAX-7 Datasheet HTML 16Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 17Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 18Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 19Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 20Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 21Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 22Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 23Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
MAX-7 - Data Sheet
UBX-13004068 - R05
Production Information
Default messages
Page 21 of 24
8 Default messages
Interface
Settings
UART Output
9600 Baud, 8 bits, no parity bit, 1 stop bit
Configured to transmit both NMEA and UBX protocols, but only the following NMEA (and no UBX) messages
have been activated at start-up:
GGA, GLL, GSA, GSV, RMC, VTG, TXT
UART Input
9600 Baud, 8 bits, no parity bit, 1 stop bit, Autobauding disabled
Automatically accepts following protocols without need of explicit configuration:
UBX, NMEA
The GNSS receiver supports interleaved UBX and NMEA messages.
DDC
Fully compatible with the I
2C industry standard, available for communication with an external host CPU or
u-blox cellular modules; operated in slave mode only.
NMEA and UBX are enabled as input messages, only NMEA as output messages
Maximum bit rate 400 kb/s.
TIMEPULSE
(1Hz Nav)
1 pulse per second, synchronized at rising edge, pulse length 100 ms
Table 9: Default messages
Please refer to the u-blox 7 Receiver Description Including Protocol Specification [2] for information
about further settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com