Electronic Components Datasheet Search
  English  ▼

X  

FDS184 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDS184
Description  Ultra High Speed Switching Application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS184 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDS184 Datasheet HTML 1Page - First Silicon Co., Ltd FDS184 Datasheet HTML 2Page - First Silicon Co., Ltd FDS184 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3
CATHODE
ANODE
1
2
ANODE
Ultra High Speed Switching
Application
SOT –23
Low forward voltage : VF(3) = 0.9V (typ.)
Fast reverse recovery time : trr = 1.6ns (typ.)
Small total capacitance : CT = 0.9pF (typ.)
Characteristic
Maximum (peak) reverse voltage
85
Reverse voltage
80
Maximum (peak) forward current
300*
Average forward current
100*
Surge current (10ms)
2*
mW
150
Power dissipation
Junction temperature
125
Storage temperature range
-55~+125
* : Unit rating Total rating = Unit rating × 0 7
Characteristic
Symbol
Test
Circuit
Test Condition
Typ
V
F (1)
I
F = 1mA
Forward voltage
Reverse current
I
R (1)
V
R = 30V
µA
I
R (2)
Total capacitance
Reverse recovery time
We declare that the material of product
compliance with RoHS requirements.
Device Marking and Ordering Information
•
2008. 1. 28
1/3
SEMICONDUCTOR
TECHNICAL DATA
FDS184
Revision No : 0
Device
Marking
Shipping
3000/Tape&Reel
FDS184
B3
1
3
2
Symbol
Rating
Unit
VRM
VR
IFM
IO
IFSM
P
TJ
Tstg
C
C
V
V
mA
mA
A
Maximum Ratings (TA= 25°C)
•
Electrical Characteristics (TA= 25°C)
•
Min
Unit
Max
V
F (2)
V
F (3)
C
T
t
rr
―
―
―
―
―
―
―
V
I
F = 10mA
I
F = 100mA
V
R = 80V
I
F = 10mA (Fig.5)
V
R = 0, f = 1MHz
―
―
―
―
―
―
―
―
―
―
―
pF
ns
Featrures
•
0.60
0.72
0.90
1.20
0.1
0.5
0.9
3.0
4.0
1.6


Similar Part No. - FDS184

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDS181 FS-FDS181 Datasheet
131Kb / 3P
Ultra High Speed Switching Application
logo
Hammond Manufacturing L...
FDS1818 HAMMOND-FDS1818 Datasheet
52Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
FDS1818GY HAMMOND-FDS1818GY Datasheet
46Kb / 1P
Tablette rabattable
More results

Similar Description - FDS184

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L1SS181LT1 LRC-L1SS181LT1 Datasheet
74Kb / 3P
Ultra High Speed Switching Application
logo
Toshiba Semiconductor
1SS181 TOSHIBA-1SS181_07 Datasheet
198Kb / 3P
Ultra High Speed Switching Application
1SS193 TOSHIBA-1SS193_07 Datasheet
185Kb / 3P
Ultra High Speed Switching Application
1SS196 TOSHIBA-1SS196_07 Datasheet
185Kb / 3P
Ultra High Speed Switching Application
1SS337 TOSHIBA-1SS337_07 Datasheet
257Kb / 3P
Ultra High Speed Switching Application
1SS360 TOSHIBA-1SS360_07 Datasheet
218Kb / 3P
Ultra High Speed Switching Application
1SS361 TOSHIBA-1SS361_07 Datasheet
217Kb / 3P
Ultra High Speed Switching Application
1SS226TE85LF TOSHIBA-1SS226TE85LF Datasheet
180Kb / 3P
Ultra High Speed Switching Application
logo
Leshan Radio Company
L1SS181LT1G LRC-L1SS181LT1G_15 Datasheet
69Kb / 3P
Ultra High Speed Switching Application
logo
Nanjing International G...
BAV74 DGNJDZ-BAV74 Datasheet
92Kb / 2P
Ultra high speed switching application
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com