Electronic Components Datasheet Search
  English  ▼

X  

FDS193 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDS193
Description  Single Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS193 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDS193 Datasheet HTML 1Page - First Silicon Co., Ltd FDS193 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single Switching Diode
FDS193
2011. 10. 30
1/2
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 0
Chip made in Japan
Ultra high speed switching application
Low Forward Voltage
Fast Reverse Rocovery Time
Small Total Capacitance
Case:SOT-23 Plastic Package
Weight:Approx. 0.008g
Packaging:
3K per 7"reel(8mm tape)
15K inner box, 150K out box
Marking: F3
Tamb=25
, unless otherwise specified
Tamb=25
, unless otherwise specified
nS
Forward Voltage
Characteristic
Maximum Peak Reverse Voltage
Reverse Voltage
V
Reverse Recovery Time
trr
IF=10mA
-
1.6
pF
Total Capcitance
CT
VR=0, f=1MHZ
-
0.9
Reverse Current
IR
VR=80V
-
-
VF(2)
IF=10mA
-
-55~150
uA
VF(3)
IF=150mA
-
-
Power Dissipation
(Mounted On 99.5% Alumina, 10*8*0.6mm)
Storage Tempearture Range
Tstg
Unit
Max.
Typ.
Min.
Test Condition
Symbol
Junction Temperature
Tj
150
0.72
VF(1)
IF=1mA
-
0.60
Electrical Characteristics
SOT-23
Maximum Ratings & Thermal Characteristics
85
VRM
Millimeters
V
B
1.30±0.15
C
1.05±0.15
D
0.40±0.10
E
2.50+0.10/-0.25
G
1.90±0.10
H
0.95
J
0.12+0.0/-0.1
Characteristic
Unit
Symbol
Max Ratings
2
VR
Continuous Forward Current
Surge Current (1uS)
80
IF
300
IFSM
PD
300
N
1.0±0.10
Features
Mechanical Data
K
0.00~0.10
L
Dim
A
2.90±0.15
0.55
M
0.40±0.10
L
E
B
L
M
3
1
2


Similar Part No. - FDS193

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDS19W FS-FDS19W Datasheet
182Kb / 2P
HIGH VOLTAGE SWITCHING DIODE
More results

Similar Description - FDS193

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS21H NXP-BAS21H Datasheet
64Kb / 10P
Single high-voltage switching diode
Rev. 02 - 3 November
PMBD914 NXP-PMBD914 Datasheet
66Kb / 10P
Single high-speed switching diode
Rev. 05-26 November 2007
logo
Leshan Radio Company
LM1MA141KT1G LRC-LM1MA141KT1G Datasheet
226Kb / 3P
Single Silicon Switching Diode
logo
NXP Semiconductors
PMBD914 NXP-PMBD914_09 Datasheet
73Kb / 10P
Single high-speed switching diode
Rev. 06-11 February 2009
logo
ON Semiconductor
M1MA141KT1G ONSEMI-M1MA141KT1G Datasheet
124Kb / 4P
Single Silicon Switching Diode
October, 2010 -- Rev. 7
logo
NXP Semiconductors
BAS16LD PHILIPS-BAS16LD_15 Datasheet
270Kb / 11P
Single high-speed switching diode
Rev. 1-12 October 2010
PMBD914 PHILIPS-PMBD914_15 Datasheet
73Kb / 10P
Single high-speed switching diode
Rev. 06-11 February 2009
logo
Nexperia B.V. All right...
BAS21H NEXPERIA-BAS21H Datasheet
875Kb / 10P
Single high-voltage switching diode
Rev. 02 - 3 November 2006
BAS16LD NEXPERIA-BAS16LD Datasheet
733Kb / 11P
Single high-speed switching diode
Rev. 1 - 12 October 2010
BAS521 NEXPERIA-BAS521 Datasheet
194Kb / 11P
Single high-voltage switching diode
29 June 2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com