Electronic Components Datasheet Search
  English  ▼

X  

FDS222 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDS222
Description  Common Cathode Silicon Dual Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS222 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDS222 Datasheet HTML 1Page - First Silicon Co., Ltd FDS222 Datasheet HTML 2Page - First Silicon Co., Ltd FDS222 Datasheet HTML 3Page - First Silicon Co., Ltd FDS222 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This Common Cathode Silicon Epitaxial Planar Dual Diode is
designed for use in ultra high speed switching
applications. This
device is housed in the SC–89 package which is designed for low
power surface mount applications, where board space is at a premium.
• Fast trr
• Low C
D
• Available in 8 mm Tape and Reel
MAXIMUM RATINGS (TA = 25 °C)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
80
Vdc
Peak Reverse Voltage
VRM
80
Vdc
Forward Current
IF
100
mAdc
Peak Forward Current
IFM
300
mAdc
Peak Forward Surge Current
IFSM(1)
2.0
Adc
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation
P D
150
mW
Junction Temperature
TJ
150
C
Storage Temperature Range
Tstg
–55 to +150
C
1. t = 1 µS
ELECTRICAL CHARACTERISTICS (TA = 25 C)
Characteristic
Symbol
Condition
Min
Max
Unit
Reverse Voltage Leakage Current
IR
VR = 70 V
—
0.1
µAdc
Forward Voltage
VF
IF = 100 mA
—
1.2
Vdc
Reverse Breakdown Voltage
VR
IR = 100 µA
80
—
Vdc
Diode Capacitance
CD
VR = 6.0 V, f = 1.0 MHz
—
3.5
pF
Reverse Recovery Time
trr(2)
IF = 5.0 mA, V R = 6.0 V, R L = 100 Ω, Irr = 0.1 I R
—
4.0
ns
2. trr Test Circuit on following page.
FDS222T1G=N
Driver Marking
3
CATHODE
1
ANODE
2
ANODE
Common Cathode Silicon
Dual Switching Diode
Ordering Information
Device
Marking
Shipping
FDS222T1G
N
3000/Tape&Reel
FDS222T3G
N
10000/Tape&Reel
2008. 4. 23
1/3
SEMICONDUCTOR
TECHNICAL DATA
FDS222
Revision No : 0
1
3
2
SC-89


Similar Part No. - FDS222

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDS226 FS-FDS226 Datasheet
132Kb / 3P
Ultra High Speed Switching Application
More results

Similar Description - FDS222

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DAN222 ONSEMI-DAN222 Datasheet
92Kb / 8P
COMMON CATHODE SILICON DUAL SWITCHING DIODE
March, 2000 ??Rev. 2
logo
Leshan Radio Company
LDAN222T1 LRC-LDAN222T1 Datasheet
143Kb / 3P
Common Cathode Silicon Dual Switching Diode
logo
ON Semiconductor
DAN222 ONSEMI-DAN222_06 Datasheet
49Kb / 4P
Common Cathode Silicon Dual Switching Diode
March, 2006 ??Rev. 4
M1MA141WKT1 ONSEMI-M1MA141WKT1 Datasheet
50Kb / 4P
Common Cathode Silicon Dual Switching Diode
November, 2005 ??Rev. 7
DAN222G ONSEMI-DAN222G Datasheet
125Kb / 4P
Common Cathode Silicon Dual Switching Diode
October, 2010 -- Rev. 6
M1MA141WKT1G ONSEMI-M1MA141WKT1G_11 Datasheet
133Kb / 4P
Common Cathode Silicon Dual Switching Diode
November, 2011 ??Rev. 9
logo
Leshan Radio Company
LDAN222T1G LRC-LDAN222T1G_15 Datasheet
223Kb / 3P
Common Cathode Silicon Dual Switching Diode
logo
ON Semiconductor
DAN222M3T5G ONSEMI-DAN222M3T5G Datasheet
94Kb / 4P
Common Cathode Silicon Dual Switching Diode
January, 2013 ??Rev. 6
logo
Leshan Radio Company
LDAN222T1G LRC-LDAN222T1G Datasheet
168Kb / 4P
Common Cathode Silicon Dual Switching Diode
logo
ON Semiconductor
DAN222 ONSEMI-DAN222_V01 Datasheet
165Kb / 5P
Common Cathode Silicon Dual Switching Diode
September, 2013 - Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com