Electronic Components Datasheet Search
  English  ▼

X  

FDS516 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDS516
Description  FAST SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS516 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDS516 Datasheet HTML 1Page - First Silicon Co., Ltd FDS516 Datasheet HTML 2Page - First Silicon Co., Ltd FDS516 Datasheet HTML 3Page - First Silicon Co., Ltd FDS516 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2016. 4. 23
1/4
SEMICONDUCTOR
TECHNICAL DATA
FDS516
Revision No : 0
SOD-523
FEATURES
Small Package
Low Reverse Current
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
MAXIMUM RATINGS ( Ta=25
℃ unless otherwise noted )
e
t
e
m
a
r
a
P
l
o
b
m
y
S
t
i
n
U
e
u
l
a
V
r
VRM
Non-Repetitive Peak Reverse Voltage
100
V
VRRM
Peak Repetitive Reverse Voltage
VRWM
Working Peak Reverse Voltage
75
V
VR(RMS)
RMS Reverse Voltage
53
V
IO
Average Rectified Output Current
250
mA
IFSM
PD
Power Dissipation
150
mW
RΘJA
Thermal Resistance from Junction to Ambient
833
℃/W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~+150
℃
ELECTRICAL CHARACTERISTICS(Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse voltage
V(BR)
IR=100μA
75
V
VR
V
5
2
=
30
nA
Reverse current
IR
VR
V
5
7
=
1
μA
IF
A
m
1
=
0.715
V
IF
A
m
0
1
=
0.855
V
IF
A
m
0
5
=
1
V
Forward voltage
VF
IF
A
m
0
5
1
=
1.25
V
Total capacitance
Ctot
VR
z
H
M
1
=
f
,
V
0
=
1
pF
Reverse recovery time
trr
IF= IR =10mA, Irr=0.1*IR,RL=100Ω
4
ns
Non-repetitive Peak Forward Surge Current
@ t= 8 . 3m s
MARKING:6
FAST SWITCHING DIODE
6
2,0
A


Similar Part No. - FDS516

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS5170N7 FAIRCHILD-FDS5170N7 Datasheet
201Kb / 6P
60V N-Channel PowerTrench MOSFET
More results

Similar Description - FDS516

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4151 DIODES-1N4151 Datasheet
49Kb / 1P
FAST SWITCHING DIODE
DS12014 Rev. F-2
logo
Vishay Siliconix
LL4148 VISHAY-LL4148_04 Datasheet
111Kb / 4P
Fast Switching Diode
06-Feb-04
logo
Chenmko Enterprise Co. ...
LL4150PT CHENMKO-LL4150PT Datasheet
121Kb / 2P
FAST SWITCHING DIODE
logo
GOOD-ARK Electronics
LS4154 GOOD-ARK-LS4154 Datasheet
103Kb / 2P
Fast Switching Diode
logo
Infineon Technologies A...
IDP12E120 INFINEON-IDP12E120 Datasheet
545Kb / 8P
Fast Switching Diode
Rev.2.3 2009-08-19
IDP30E120 INFINEON-IDP30E120_09 Datasheet
665Kb / 8P
Fast Switching Diode
Rev.2.3 2009-08-19
IDP30E60 INFINEON-IDP30E60_09 Datasheet
701Kb / 8P
Fast Switching Diode
Rev.2.4 2009-09-28
SIDC02D60F6 INFINEON-SIDC02D60F6_10 Datasheet
108Kb / 4P
Fast switching diode
Edition 2.1, 09.03.2010
SIDC112D170H INFINEON-SIDC112D170H Datasheet
112Kb / 4P
Fast switching diode
Edition 0.9, 22.02.2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com