Electronic Components Datasheet Search
  English  ▼

X  

FDS914 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDS914
Description  High?뭆peed Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS914 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDS914 Datasheet HTML 1Page - First Silicon Co., Ltd FDS914 Datasheet HTML 2Page - First Silicon Co., Ltd FDS914 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Symbol
Value
Unit
Reverse Voltage
VR
100
Vdc
Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
FR–5 Board (Note 1.)
TA = 25 C
Derate above 25 C
PD
225
1.8
mW
mW/ C
Thermal Resistance,
Junction to Ambient
R JA
556
C/W
Total Device Dissipation
Alumina Substrate (Note 2.)
TA = 25 C
Derate above 25 C
PD
300
2.4
mW
mW/ C
Thermal Resistance,
Junction to Ambient
R JA
417
C/W
Junction and Storage
Temperature Range
TJ, Tstg
–55 to
+150
C
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage
(IR = 100 Adc)
V(BR)
100
–
Vdc
Reverse Voltage Leakage Current
(VR = 20 Vdc)
(VR = 75 Vdc)
IR
–
–
25
5.0
nAdc
Adc
Diode Capacitance
(VR = 0, f = 1.0 MHz)
CT
–
4.0
pF
Forward Voltage
(IF = 10 mAdc)
VF
–
1.0
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc) (Figure 1)
trr
–
4.0
ns
1. FR–5 = 1.0
0.75
0.062 in.
2. Alumina = 0.4
0.3
0.024 in. 99.5% alumina.
MARKING DIAGRAM
5D
5D = Device Code
Rating
MAXIMUM RATINGS
High−Speed Switching
Diode
Features
Device
Package
Shipping†
ORDERING INFORMATION
FDS914LT3G
SOT−23
10000/Tape & Reel
FDS914LT1G
SOT−23
3000/Tape & Reel
We declare that the material of product
compliance with RoHS requirements.
SEMICONDUCTOR
TECHNICAL DATA
FDS914
2009. 04. 20
1/3
Revision No : 0
SOT–23
1
3
2


Similar Part No. - FDS914

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS9400 FAIRCHILD-FDS9400 Datasheet
165Kb / 5P
30V P-Channel PowerTrench MOSFET
FDS9400A FAIRCHILD-FDS9400A Datasheet
165Kb / 5P
30V P-Channel PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDS9400A-NL VBSEMI-FDS9400A-NL Datasheet
961Kb / 8P
P-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS9412 FAIRCHILD-FDS9412 Datasheet
230Kb / 8P
Single N-Channel Enhancement Mode Field Effect Transistor
FDS9412A FAIRCHILD-FDS9412A Datasheet
325Kb / 6P
N-Channel PowerTrench MOSFET 30V, 8A, 21mOhm
More results

Similar Description - FDS914

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SS400T1 ONSEMI-1SS400T1 Datasheet
46Kb / 3P
High?뭆peed Switching Diode
December, 2006 ??Rev. 4
1SS400T1 ONSEMI-1SS400T1_07 Datasheet
46Kb / 3P
High?뭆peed Switching Diode
January, 2007 ??Rev. 5
MMBD914LT1 ONSEMI-MMBD914LT1 Datasheet
52Kb / 3P
High?뭆peed Switching Diode
January, 2006 ??Rev. 5
MMDL914T1 ONSEMI-MMDL914T1 Datasheet
47Kb / 3P
High?뭆peed Switching Diode
January, 2007 ??Rev. 4
NE521 ONSEMI-NE521 Datasheet
123Kb / 7P
High?뭆peed Dual?묭ifferential Comparator/Sense Amp
October, 2006 ??Rev. 4
NSD914XV2T1 ONSEMI-NSD914XV2T1 Datasheet
51Kb / 3P
High?뭆peed Switching Diode
December, 2006 ??Rev. 3
logo
WILLAS ELECTRONIC CORP
MMBD914LT1 WILLAS-MMBD914LT1 Datasheet
296Kb / 3P
High?뭆peed Switching Diode
logo
Yea Shin Technology Co....
MMBD914 YEASHIN-MMBD914 Datasheet
657Kb / 3P
High?뭆peed Switching Diode
logo
AiT Semiconductor Inc.
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com