Electronic Components Datasheet Search
  English  ▼

X  

FDS3004 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDS3004
Description  HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS3004 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDS3004 Datasheet HTML 1Page - First Silicon Co., Ltd FDS3004 Datasheet HTML 2Page - First Silicon Co., Ltd FDS3004 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Forward Voltage, VF (V)
TJ = 25°C
TJ = 75°C
TJ = 150°C
Fig. 1. Typical Forward
1
10
100
1000
0
100
200
300
Reverse Voltage, VR (V)
TJ = 25°C
TJ = 75°C
TJ = 150°C
Fig. 2. Typical Reverse
0 2
0.4
0.6
0.8
1
1 2
1.4
1.6
1.8
2
0.1
1
10
100
Reverse Voltage, VR (V)
f=1MHz
Fig. 3. Typical Capacitance
FDS3004
2010. 7. 12
2/3
Revision No : 0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com