Electronic Components Datasheet Search
  English  ▼

X  

FDS3004S Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDS3004S
Description  HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS3004S Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDS3004S Datasheet HTML 1Page - First Silicon Co., Ltd FDS3004S Datasheet HTML 2Page - First Silicon Co., Ltd FDS3004S Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2011.12.19
2/3
Revision No : 0
400
T , AMBIENT TEMPERA TURE, (°C)
A
Fig. 1 Power Derating Curve, tot
al package
200
100
300
0
500
0
100
200
0
400
800
1200
1600
2000
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Fig. 2 Typical Forward Characteristics, per element
100
1.0
10
0.1
0.01
1000
T = 150°C
j
T = 25°C
j
0
50
100
150
200
250
300
350
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 3 Typical Reverse Characteristics, per element
100
1.0
10
0.1
0.01
0.001
1000
T = 150°C
j
T = 75°C
j
T = 25°C
j
0.7
0.8
0.01
0.1
1.0
10
100
Fig. 4 Typical Total Capacitance
vs. Reverse Voltage, per element
V , REVERSE VOLTAGE (V)
R
0.9
1.0
1.1
FDS3004S/A/C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com