Electronic Components Datasheet Search
  English  ▼

X  

FDS3907 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDS3907
Description  30V P-Channel MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS3907 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDS3907 Datasheet HTML 1Page - First Silicon Co., Ltd FDS3907 Datasheet HTML 2Page - First Silicon Co., Ltd FDS3907 Datasheet HTML 3Page - First Silicon Co., Ltd FDS3907 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FDS3907
2017. 07. 18
1/4
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 0
30V P-Channel MOSFETs
BVDSS
RDSON
ID
-30V
20mΩ
-9.2A
These P-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
General Description
Applications
Absolute Maximum Ratings Tc=25 unless otherwise noted
Thermal Characteristics
SOP8 Pin Configuration
D
G
S
D
D
D
D
G
S
S
S
Features
� -30V. -9.1A, RDS(ON) =20mΩ@VGS = -10V
� Fast switching
� Green Device Available
� Suit for -4.5V Gate Drive Applications
� MB / VGA / Vcore
� POL Applications
� Load Switch
� LED Application
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Source Voltage
± 20
V
ID
Drain Current – Continuous (TC=25℃ , t=10sec)
-9.2
A
Drain Current – Continuous (TC=100℃)
-5.1
A
IDM
Drain Current – Pulsed
1
-50
A
PD
Power Dissipation (TC=25℃)
2.1
W
Power Dissipation – Derate above 25℃
0.017
W/℃
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
60
℃/W


Similar Part No. - FDS3907

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS3912 FAIRCHILD-FDS3912 Datasheet
125Kb / 6P
100V Dual N-Channel PowerTrench MOSFET
FDS3992 FAIRCHILD-FDS3992 Datasheet
286Kb / 11P
N-Channel PowerTrench MOSFET 100V, 4.5A, 62m?
FDS3992 FAIRCHILD-FDS3992 Datasheet
639Kb / 11P
Dual N-Channel PowerTrench짰 MOSFET 100V, 4.5A, 62m?
FDS3992 FAIRCHILD-FDS3992_04 Datasheet
639Kb / 11P
Dual N-Channel PowerTrench짰 MOSFET 100V, 4.5A, 62m?
More results

Similar Description - FDS3907

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK3805 FS-FTK3805 Datasheet
927Kb / 5P
30V P-Channel MOSFETs
FTK3903DFN56 FS-FTK3903DFN56 Datasheet
788Kb / 5P
30V P-Channel MOSFETs
FTK3903Z FS-FTK3903Z Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3905 FS-FTK3905 Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3911 FS-FTK3911 Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3911L FS-FTK3911L Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3959 FS-FTK3959 Datasheet
975Kb / 5P
30V P-Channel MOSFETs
FTK3959DFN56 FS-FTK3959DFN56 Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3009DFN22 FS-FTK3009DFN22 Datasheet
556Kb / 5P
30V P-Channel MOSFETs
FTK3911T FS-FTK3911T Datasheet
1Mb / 5P
30V P-Channel MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com