Electronic Components Datasheet Search
  English  ▼

X  

FFB2222AD Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FFB2222AD
Description  Dual General Purpose Switching Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FFB2222AD Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FFB2222AD Datasheet HTML 1Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 2Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 3Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 4Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 5Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 6Page - First Silicon Co., Ltd FFB2222AD Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2014. 03. 10
5/7
FFB2222AD
Revision No : 0
Figure 5. Frequency Effects
Figure 6. Source Resistance Effects
Figure 7. Capacitances
Figure 8. Current–Gain Bandwidth Product
Figure 9.Collector Emitter Saturation Voltage
Figure 10. Base Emitter Saturation Voltage vs.
f, FREQUENCY (kHz)
4.0
6.0
8.0
10
2.0
RS, SOURCE RESISTANCE (OHMS)
1.0 2.0
5.0 10
20 50
0.2
0.5
0
100
0.01 0.02 0.05
RS = OPTIMUM
SOURCE
RESISTANCE
IC = 1.0mA, Rs =150㏀
500 A, RS= 200㏀
100 A, RS= 2.0㏀
50 A, RS= 4.0㏀
f=1.0kHz
IC=50 A
100 A
500 A
1.0 mA
4.0
6.0
8.0
10
2.0
0
50 100
1K
10K
100K
REVERSE VOLTAGE (VOLTS)
3.0
5.0
7.0
10
2.0
0.1
1.0
2.0 3.0
5.0 7.0 10
30
50
Ccb
20
30
Ceb
IC, COLLECTOR CURRENT (mA)
70
100
200
300
50
500
VCE = 20 V
TJ = 25℃
IC
I
)
A
(
T
N
E
R
R
U
C
R
O
T
C
E
L
L
O
C
,
C, COLLECTOR CURRENT (A)
1
0.1
0.01
0.001
0.01
0.1
1
1
0.1
0.01
0.001
0.2
0.3
0.5
0.7
0.8
1.0
1.1
1.3
IC/IB =10
150°C
−55°C
25°C
0.4
0.6
0.9
1.2
IC/IB =10
150°C
−55°C
25°C
vs. Collector Current
Collector Current
1
10
100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com