Electronic Components Datasheet Search
  English  ▼

X  

ABX0027FSC Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABX0027FSC
Description  Low Power 5 Output XO 10MHz to 52MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABX0027FSC Datasheet(HTML) 2 Page - Abracon Corporation

  ABX0027FSC Datasheet HTML 1Page - Abracon Corporation ABX0027FSC Datasheet HTML 2Page - Abracon Corporation ABX0027FSC Datasheet HTML 3Page - Abracon Corporation ABX0027FSC Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary
ABX0027F
Low Power 5 Output XO 10MHz to 52MHz
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 2
PIN DESCRIPTION
Name
Pin #
Type
Description
XIN
1
I
Crystal Input or Reference Clock input ( 10MHz to 52MHz ).
GND
2,4,6,13
P
Ground.
CLK1
3
O
Buffered clock output.
CLK2
5
O
Buffered clock output.
N/C
7
-
No connection.
CLK3
8
O
Buffered clock output.
VDD
9,11
P
Power supply.
CLK4
10
O
Buffered clock output.
CLK5
12
O
Buffered clock output.
XOUT
14
O
Crystal output.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. AC Electrical Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Crystal Frequency
10
52
MHz
Settling time
At power-up
(Vdd reaches 1.62V)
10
ms
0.8V ~ 2.0V with 10 pF load
1.15
Output Clock Rise/Fall Time
0.3V ~ 3.0V with 15 pF load
2.4
ns
VDD sensitivity
Frequency vs. VDD +/- 10%
0.8
0.8
ppm
Output Clock Duty Cycle
Measured @ 1.4V
45
50
55
%
Short Circuit Current
±50
mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com