Electronic Components Datasheet Search
  English  ▼

X  

SNP-A088 Datasheet(PDF) 3 Page - Skynet Electronic Copyright

Part # SNP-A088
Description  Switching Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-A088 Datasheet(HTML) 3 Page - Skynet Electronic Copyright

  SNP-A088 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-A088 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-A088 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-A088 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4-3
** This data sheet is only for models selection. For business, engineering specification by model must be used.
Rated
80W
Peak
120W
SNP-A08 Series
-Jim-
Switching Adapter
NOV. 2016
4. Output turn off wave form
3. Output turn on wave form
5. Hold-up time
1. Switching frequency ripple
Performance for SNP-A089:
6. Over voltage protection
+24V/3.3A
50mV/div, 10us/div
+24V/3.3A
50mV/div, 5ms/div
+24V/3.3A
5V/div, 20ms/div
+24V/3.3A
5V/div, 10ms/div
10V/div
50V/div
10ms/div
Primary DC
Trip point around 29.8V
10V/div, 10ms/div
(60% rated load)
2. Line frequency ripple
SNP-A087
+12V
0A
6A
9A +11.40V~+12.60V 100mVpp ±0.5% ±3%
84%
SNP-A087-3
SNP-A088
+15V
0A
5A
7.5A +14.25V~+15.75V 100mVpp ±0.5% ±3%
85%
SNP-A088-3
SNP-A085
+18V
0A
4.5A
6.7A +17.10V~+18.90V 100mVpp ±0.5% ±3%
86%
SNP-A085-3
SNP-A089
+24V
0A
3.3A
5A +22.80V~+25.20V 100mVpp ±0.5% ±3%
87%
SNP-A089-3
SNP-A08T
+48V
0A 1.75A
2.5A +45.60V~+50.40V 200mVpp ±0.5% ±3%
89%
SNP-A08T-3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com