Electronic Components Datasheet Search
  English  ▼

X  

SNP-A048 Datasheet(PDF) 3 Page - Skynet Electronic Copyright

Part # SNP-A048
Description  Switching Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-A048 Datasheet(HTML) 3 Page - Skynet Electronic Copyright

  SNP-A048 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-A048 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-A048 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-A048 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Switching Adapter
** This data sheet is only for models selection. For business, engineering specification by model must be used.
NOV. 2016
4-3
-Jim-
Rated
40W
SNP-A04 Series
4. Output turn off wave form
3. Output turn on wave form
5. Hold-up time
1. Switching frequency ripple
Performance for SNP-A047:
6. Over voltage protection
+12V/3.7A
20.0mV/div, 5us/div
50mV/div, 5ms/div
+12V/3.7A
+12V/3.7A
2.0V/div, 10ms/div
2.0V/div, 10ms/div
+12V/3.7A
Primary DC
5ms/div
5.0V/div
100V/div
5.0V/div, 10ms/div
Trip point around 14.2V
2. Line frequency ripple
SNP-A046
+5V
0A
6A
9A
+4.75V~+4.25V
50mVpp
±1%
±5%
SNP-A046-3
SNP-A04C
+9V
0A 4.5A
6.7A
+8.55V~+9.45V
150mVpp
±1%
±5%
SNP-A04C-3
SNP-A047
+12V
0A 3.7A
5.6A +11.40V~+12.60V
100mVpp
±1%
±3%
SNP-A047-3
SNP-A048
+15V
0A
3A
4.5A +14.25V~+15.75V
100mVpp
±1%
±2%
SNP-A048-3
SNP-A049
+24V
0A 1.9A
2.9A +22.80V~+25.20V
200mVpp
±1%
±1%
SNP-A049-3
SNP-A04T
+48V
0A
1A
1.5A +45.60V~+50.40V
400mVpp
±1%
±1%
SNP-A04T-3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com