Electronic Components Datasheet Search
  English  ▼

X  

CV-51002 Datasheet(PDF) 4 Page - Intel Corporation

Part # CV-51002
Description  Cyclone V Device Datasheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CV-51002 Datasheet(HTML) 4 Page - Intel Corporation

  CV-51002 Datasheet HTML 1Page - Intel Corporation CV-51002 Datasheet HTML 2Page - Intel Corporation CV-51002 Datasheet HTML 3Page - Intel Corporation CV-51002 Datasheet HTML 4Page - Intel Corporation CV-51002 Datasheet HTML 5Page - Intel Corporation CV-51002 Datasheet HTML 6Page - Intel Corporation CV-51002 Datasheet HTML 7Page - Intel Corporation CV-51002 Datasheet HTML 8Page - Intel Corporation CV-51002 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
Density
Ordering Part Number (OPN)
Static Power Reduction
110K LE
5CSEBA6U19I7LN
5CSEBA6U23I7LN
5CSXFC6C6U23I7LN
To estimate total power consumption for a low-power device, listed in Table 1 on page 3:
1. Multiply the Total Static Power reported by the Early Power Estimator (EPE) by the appropriate scale factor:
•
For 25K LE and 40K LE devices, use 0.7
•
For 85K LE and 110K LE devices, use 0.8
2. Add the result from Step 1 on page 4 to the Total Dynamic Power reported by the EPE.
Related Information
Cyclone V Device Overview
Provides more information about the densities and packages of devices in the Cyclone V family.
Electrical Characteristics
The following sections describe the operating conditions and power consumption of Cyclone V devices.
Operating Conditions
Cyclone V devices are rated according to a set of defined parameters. To maintain the highest possible performance and
reliability of the Cyclone V devices, you must consider the operating requirements described in this section.
Absolute Maximum Ratings
This section defines the maximum operating conditions for Cyclone V devices. The values are based on experiments
conducted with the devices and theoretical modeling of breakdown and damage mechanisms.
The functional operation of the device is not implied for these conditions.
Caution:
Conditions outside the range listed in the following table may cause permanent damage to the device. Additionally, device
operation at the absolute maximum ratings for extended periods of time may have adverse effects on the device.
Cyclone V Device Datasheet
CV-51002 | 2019.01.25
Cyclone V Device Datasheet
Send Feedback
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com