Electronic Components Datasheet Search
  English  ▼

X  

SNP-C04 Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-C04
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-C04 Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-C04 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-C04 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-C04 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-C04 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
** This data sheet is only for model selection. For business, engineering specification by model must be used.
4-2
AUG. 2014
Rated
40W
Peak
60W
SNP-C04 Series
-Eric-
General Purpose
Output Specifications:
1. The max. load can be continuously provided at 50oC and convection cooling conditions. The peak load can be temporarily provided up to 8 seconds.
2. At factory, all outputs in 60% rated load condition, each output is checked to be within the accuracy range while the main output is setting to within the
specified accuracy range at rated load.
3. Line regulation is defined by changing ±10% of input voltage from nominal line at rated load.
4. Load regulation is defined by changing ±40% of measured output load from 60% rated load at another output set to 60% rated load.
5. Ripple & noise is measured by using 15MHz bandwidth limited oscilloscope and terminated each output with a 0.47uF + 10uF capacitor at rated load and
nominal line.
6. Hold up time is measured from the end of the last charging pulse to the time which the main output drop down to regulation limit at rated load and nomi-
nal line.
7. SNP-C04B is designed in conformity with safety regulations specified on page 4-1 but without safety applicaiton.
Note:
SNP-C04B
+3.3V
0A
9A
11A +3.25V~+3.355V
50mVpp
±1%
±1%
77%
SNP-C046
+5V
0A
7A
10.5A
+4.95V~+5.05V
50mVpp
±1%
±1%
78%
SNP-C047
+12V
0A
3A
4.5A
+11.4V~+12.6V
120mVpp
±1%
±1%
82%
SNP-C048
+15V
0A 2.4A
3.6A +14.25V~+15.75V
150mVpp
±1%
±1%
85%
SNP-C049
+24V
0A 1.7A
2.5A
+22.8V~+25.2V
240mVpp
±1%
±1%
85%
SNP-C04T
+48V
0A 0.8A
1.2A
+45.6V~+50.4V
240mVpp
±1%
±1%
86%
SNP-C043
+5V
0A
4A
6A
8A
+4.95V~+5.05V
50mVpp
±1%
±2%
81%
+12V
0A 1.5A
2A
3A
+11.4V~+12.6V
120mVpp
±1%
±3%
SNP-C04A
+5V
0A
3A
5A
7A
+4.95V~+5.05V
50mVpp
±1%
±2%
83%
+24V
0A
1A 1.5A
2A
+22.8V~+25.2V
480mVpp
±1%
±3%
MODEL
OUTPUT
LOAD
VOLTAGE
RIPPLE
LINE
LOAD EFFICIENCY
NO.
RAIL
MIN. RATED MAX. PEAK
ACCURACY
NOISE
REG.
REG.
TYPICAL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com