Electronic Components Datasheet Search
  English  ▼

X  

SNP-G12 Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-G12
Description  Medical & ITE General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-G12 Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-G12 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-G12 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-G12 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-G12 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
4-2
MAR. 2019
-Jim-
Rated
120W
Max.
150W
Peak
200W
SNP-G12 Series
Medical & ITE
General Purpose
Output Specifications:
97
Note:
MODEL
OUTPUT
LOAD
INITIAL
STEP EFFICIENCY
AVERAGE
NO.
RAIL
MIN. RATED MAX. PEAK
ACCURACY
@ 20% LOAD @ 50% LOAD @ 100% LOAD EFFICIENCY
1. Standby Power Cosumption with System:
For computers and displays, ENERGY STAR in U.S. and ErP regulation in Europe require the input power should be less than 0.5W at standby mode.
2. Output Load:
120W for convection cooling; 150W for forced air cooling.
3. Peak Load Duration:
Peak 200W can last for 5 sec.
4. Isolation Grade:
Primary
Ground
: 1MOPP (1500Vac)
Primary
Secondary : 2MOPP (4000Vac)
Secondary
Ground
: 1MOPP (1500Vac)
5. Leakage Current:
Earth leakage current < 300uA
Touch current < 100uA
6. EMI Grounding:
If there is a metal sheet under the power supply, connect the EMI ground to the metal sheet.
7. Model Selection:
Most of power supplies will create audible burst sound at light load, if the application wants to meet input power < 0.5W at standby mode.
SNP-G12x is for ITE application which requires standby mode.
SNP-G12x-A is for ITE application but without burst sound and no standby mode.
SNP-G12x-M is for medical application which requires standby mode.
SNP-G12x-MA is for medical application but without burst sound and no standby mode.
SNP-G12x-H is for Home Healthcare application, input class II.
←
→
←
→
←
→
SNP-G127
SNP-G127 -A
SNP-G127 -M
+12V
0A 10.0A 12.5A 16.6A
+11.9V~+12.1V
82%
89%
90%
86.5%
SNP-G127 -MA
SNP-G127 -H
SNP-G128
+15V
0A
8.0A 10.0A 13.4A
+14.9V~+15.1V
82%
89%
90%
86.5%
SNP-G128 -A
SNP-G128 -M
SNP-G128 -MA
SNP-G125
+18V
0A
6.6A 8.3A 11.1A
+17.9V~+18.1V
82%
89%
90%
86.5%
SNP-G125 -A
SNP-G125 -M
SNP-G125 -MA
SNP-G129
SNP-G129 -A
SNP-G129 -M
+24V
0A
5A 6.3A 8.3A
+23.8V~+24.2V
83.5%
90%
90.5%
88%
SNP-G129 -MA
SNP-G129 -H
SNP-G12G
+28V
0A
4.3A 5.4A 7.2A
+27.9V~+28.1V
83.5%
90%
90.5%
88%
SNP-G12G-A
SNP-G12G-M
SNP-G12G-MA
SNP-G12J
+36V
0A
3.4A 4.2A 5.6A
+35.8V~+36.2V
83.5%
90%
90.5%
88%
SNP-G12J -A
SNP-G12J -M
SNP-G12J -MA
SNP-G12T
SNP-G12T-A
SNP-G12T-M
+48V
0A
2.5A 3.1A 4.2A
+47.8V~+48.2V
83.5%
90%
90.5%
88%
SNP-G12T-M
SNP-G12T-H



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com