Electronic Components Datasheet Search
  English  ▼

X  

SNP-G049 Datasheet(PDF) 3 Page - Skynet Electronic Copyright

Part # SNP-G049
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-G049 Datasheet(HTML) 3 Page - Skynet Electronic Copyright

  SNP-G049 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-G049 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-G049 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-G049 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
General Purpose
4-3
** This data sheet is only for models selection. For business, engineering specification by model must be used.
-Jim-
AUG. 2018
Rated
40W
Peak
56W
SNP-G04 Series
Performance for SNP-G047:
3. Output turn on wave form
4. Output turn off wave form
2. Line frequency ripple
1. Switching frequency ripple
5. Hold-up time
6. Over voltage protection
+12V/3.33A
50mV/div, 5us/div
50ms/div, 5ms/div
2.00V/div, 10ms/div
5.0V/div
5ms/div
50V/div
5.0V/div, 5ms/div
2.00V/div, 5ms/div
+12V/3.33A
+12V/3.33A
+12V/3.33A
Primary DC
Trip point around 14.0V60% Rated load



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com