Electronic Components Datasheet Search
  English  ▼

X  

SNP-G128 Datasheet(PDF) 1 Page - Skynet Electronic Copyright

Part # SNP-G128
Description  Medical & ITE General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-G128 Datasheet(HTML) 1 Page - Skynet Electronic Copyright

  SNP-G128 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-G128 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-G128 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-G128 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4-1
** This data sheet is only for models selection. For business, engineering specification by model must be used.
-Jim-
MAR. 2019
Rated
120W
Max.
150W
Peak
200W
SNP-G12 Series
Medical & ITE
General Purpose
Notes:
1. Size:
2" x 4.2" x 1.28"
2. Mounting Hole:
44.5 x 95.3 (mm)
3. Connectors:
AC input: JST B2P3-VH or equivalent
DC output: JST B4P--VH
Fan: Molex 5045-02A or equivalent
4. Output Pin assignment:
Function Pin assignment:
5. Packing:
Net weight: 160 g approx. / unit
Gross weight: 10 kg approx. / carton, 80 units / carton
Carton size (mm): 422 (L) x 412 (W) x 287 (H)
Input voltage ......................................... 90 VAC to 264 VAC
Input frequency ............................................. 47 Hz to 63 Hz
Inrush current ................................< 30/60A at 115/230VAC
Hold up time ......................................................20ms typical
Over load/Short circuit protection ................... auto recovery
Over voltage protection ............................................latch off
Operating temperature ..................................... -20oC to 70oC
derating: 2.5% / oC > 45oC for convection cooling
Storage temperature ..................................... -40oC to +85oC
EMI ..........................................EN55022 "B", EN61000-3-3
Harmonics............................................EN61000-3-2, class D
EMS...................................... EN61000-4-2,-3,-4,-5,-6,-8,-11
Safety .................................UL/CSA/EN60950-1, 2nd edition
ANSI/AMMI/CSA/EN60601-1, 3.1 edition
CBreport,CEmark,RMreport/file
Energy Saving (forw/o-Asuffix) ......................ENERGY STAR
for computers version 6.0
for displays version 6.0
ErP regulation EC(No) 1275/2008
96
General Specifications:
Features:
2" x 4.2" x 1.28"
1
2
3
4
GND GND Vo
Vo
Pin
Function
TB3
FAN
Output
1
GND
2
+12V
●
Peak load (1.4 ~ 2 x rated current, Vo=rated for 5 sec)
●
Design for BF application
●
Convection cooling for Rated power
●
Built-in PFC and 12V output for fan, available for
G12x, G16x, and G20x
●
EMI class B
●
-20oC to +70oC operating temperature
Applications:
●
For peak load and surge load applications, such as mo-
tor drive, coffee machine, vending machine, gaming
machine, and other industrials.
●
For EMI class B application, such as home healthcare
device, and other medical devices.
10 years Warranty (contact Skynet's Distributors for details)
50.8 (2")
32.5 max.
(1.28")
106.6 (4.2")
Mechanical Specifications:


Similar Part No. - SNP-G128

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-G16 SKYNET-SNP-G16 Datasheet
624Kb / 4P
Medical & ITE General Purpose
SNP-G165 SKYNET-SNP-G165 Datasheet
624Kb / 4P
Medical & ITE General Purpose
SNP-G165-A SKYNET-SNP-G165-A Datasheet
624Kb / 4P
Medical & ITE General Purpose
SNP-G165-C SKYNET-SNP-G165-C Datasheet
613Kb / 4P
Medical & ITE General Purpose
SNP-G165-C5 SKYNET-SNP-G165-C5 Datasheet
613Kb / 4P
Medical & ITE General Purpose
More results

Similar Description - SNP-G128

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-V30X-U SKYNET-SNP-V30X-U Datasheet
627Kb / 4P
Medical & ITE General Purpose
SNP-P40X-S SKYNET-SNP-P40X-S Datasheet
319Kb / 2P
Medical & ITE General Purpose
SNP-V12 SKYNET-SNP-V12 Datasheet
587Kb / 4P
Medical & ITE General Purpose
SNP-V20 SKYNET-SNP-V20 Datasheet
487Kb / 4P
Medical & ITE General Purpose
SNP-V20X-U SKYNET-SNP-V20X-U Datasheet
662Kb / 4P
Medical & ITE General Purpose
SNP-E30 SKYNET-SNP-E30 Datasheet
478Kb / 4P
Medical & ITE General Purpose
SNP-G16X-C SKYNET-SNP-G16X-C Datasheet
613Kb / 4P
Medical & ITE General Purpose
SNP-G16X-U SKYNET-SNP-G16X-U Datasheet
567Kb / 4P
Medical & ITE General Purpose
SNP-G20X-U SKYNET-SNP-G20X-U Datasheet
608Kb / 4P
Medical & ITE General Purpose
SNP-HF6 SKYNET-SNP-HF6 Datasheet
613Kb / 4P
Medical & ITE General Purpose
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com