Electronic Components Datasheet Search
  English  ▼

X  

SNP-G04J Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-G04J
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-G04J Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-G04J Datasheet HTML 1Page - Skynet Electronic Copyright SNP-G04J Datasheet HTML 2Page - Skynet Electronic Copyright SNP-G04J Datasheet HTML 3Page - Skynet Electronic Copyright SNP-G04J Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
General Purpose
4-2
AUG. 2018
-Jim-
Rated
40W
Peak
56W
SNP-G04 Series
Output Specifications:
MODEL
OUTPUT
LOAD
VOLTAGE
RIPPLE
LINE
LOAD
NO.
RAIL
MIN. RATED MAX. PEAK
ACCURACY
NOISE
REG.
REG.
SNP-G047
+12V
0A 3.33A
4.7A
+11.8V~+12.2V
100mVpp
±0.5%
±1%
SNP-G047 -M
SNP-G048
+15V
0A 2.66A
3.8A
+14.8V~+15.2V
100mVpp
±0.5%
±1%
SNP-G048 -M
SNP-G045
+18V
0A 2.22A
3.2A
+17.8V~+18.2V
100mVpp
±0.5%
±1%
SNP-G045 -M
SNP-G049
+24V
0A 1.66A
2.4A
+23.7V~+24.3V
150mVpp
±0.5%
±1%
SNP-G049 -M
SNP-G04G
+28V
0A 1.42A
2.0A
+27.7V~+28.2V
150mVpp
±0.5%
±1%
SNP-G04G-M
SNP-G04J
+36V
0A 1.11A
1.6A
+35.6V~+36.4V
150mVpp
±0.5%
±1%
SNP-G04J -M
SNP-G04T
+48V
0A 0.83A
1.16A
+47.6V~+48.4V
150mVpp
±0.5%
±1%
SNP-G04T-M
Note:
1. Standby Power Cosumption with System:
For computers and displays, ENERGY STAR in U.S. and ErP regulation in Europe require the input power should be less than 0.5W at standby mode.
2. Output Load:
40W for convection cooling.
3. Peak Load Duration:
Peak 56W can last for 5 sec.
4. Isolation Grade:
Primary
Ground
: 1MOPP (1500Vac)
Primary
Secondary : 2MOPP (4000Vac)
Secondary
Ground
: 1MOPP (1500Vac)
5. Leakage Current:
Earth leakage current < 300uA
Touch current < 100uA
6. EMI Grounding:
If there is a metal sheet under the power supply, connect the EMI ground to the metal sheet.
7. Model Selection:
SNP-G04x is for ITE application.
SNP-G04x-M is for medical application.
←
→
←
→
←
→



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com