Electronic Components Datasheet Search
  English  ▼

X  

SNP-GK6H Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-GK6H
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-GK6H Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-GK6H Datasheet HTML 1Page - Skynet Electronic Copyright SNP-GK6H Datasheet HTML 2Page - Skynet Electronic Copyright SNP-GK6H Datasheet HTML 3Page - Skynet Electronic Copyright SNP-GK6H Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
General Purpose
4-2
OCT. 2017
-Clark-
Rated
60W
Peak
84W
SNP-GK6 Series
Output Specifications:
Note:
1. Standby Power Cosumption with System:
For computers and displays, ENERGY STAR in U.S. and ErP regulation in Europe require the input power should be less than 0.5W at standby mode.
2. Peak Load Duration:
Peak load can last for 5 sec.
3. Isolation Grade:
Primary
Ground
: 1MOPP (1500Vac)
Primary
Secondary : 2MOPP (4000Vac)
Secondary
Ground
: 1MOPP (1500Vac)
4. Leakage Current:
Earth leakage current < 300uA
Touch current < 100uA
5. EMI Grounding:
If there is a metal sheet under the power supply, connect the EMI ground to the metal sheet.
6. Model Selection:
SNP-GK6x is for ITE application.
SNP-GK6x-M is for medical application.
SNP-GK6x-MH is for Home Healthcare application, input class II.
←
→
←
→
←
→
PRODUCT
OUTPUT
LOAD
VOLTAGE
RIPPLE
LINE
LOAD
NO.
RAIL
MIN. RATED MAX. PEAK
ACCURACY
NOISE
REG.
REG.
SNP-GK67
SNP-GK67 -M
+12V
0A 5.00A
6.50A +11.9V~+12.1V
120mVpp
±1%
±1%
SNP-GK67 -MH
SNP-GK68
SNP-GK68 -M
+15V
0A 4.00A
5.60A +14.9V~+15.1V
100mVpp
±1%
±1%
SNP-GK68 -MH
SNP-GK65
SNP-GK65 -M
+18V
0A 3.33A
4.67A +17.9V~+18.1V
150mVpp
±1%
±1%
SNP-GK65 -MH
SNP-GK69
SNP-GK69 -M
+24V
0A 2.50A
3.50A +23.9V~+24.1V
150mVpp
±1%
±1%
SNP-GK69 -MH
SNP-GK6G
SNP-GK6G-M
+28V
0A 2.14A
3.00A +27.9V~+28.1V
150mVpp
±1%
±1%
SNP-GK6G-MH
SNP-GK6J
SNP-GK6J -M
+36V
0A 1.66A
2.21A +35.8V~+36.2V
200mVpp
±1%
±1%
SNP-GK6J -MH
SNP-GK6T
SNP-GK6T-M
+48V
0A 1.25A
1.75A +47.8V~+48.2V
250mVpp
±1%
±1%
SNP-GK6T-MH
SNP-GK6H
SNP-GK6H-M
+60V
0A 1.00A
1.40A +59.6V~+60.4V
300mVpp
±1%
±1%
SNP-GK6H-MH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com