Electronic Components Datasheet Search
  English  ▼

X  

CMD119P3 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD119P3
Description  5-9 GHz Low Noise Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD119P3 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD119P3 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD119P3 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD119P3 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD119P3 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD119P3 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD119P3 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD119P3 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD119P3 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD119P3 Datasheet HTML 9Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
ver 1.4 0516
Specifications
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications - Vdd = 3.6 V, TA = 25
oC
Parameter
Rating
Drain Voltage, Vdd
5.0 V
RF Input Power
+20 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
367 mW
Thermal Resistance
177 °C/W
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 150 °C
Operation of this device outside the maximum
ratings may cause permanent damage.
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
5 - 9
7.2 - 8.4
GHz
Gain
20
22.5
25
20
22.5
25
dB
Noise Figure
1.25
1.8
1.2
1.5
dB
Input Return Loss
11
11
dB
Output Return Loss
15
15
dB
Output P1dB
11
11
dBm
Supply Current
21
30
39
21
30
39
mA
Gain Temperature
Coefficient
0.01
0.01
dB/°C
Noise Figure Temperature
Coefficient
0.007
0.007
dB/°C
Output IP3
21
21
dBm
Parameter
Min
Typ
Max
Units
Vdd
2.0
3.6
4.5
V
Idd
30
mA
CMD119P3
CMD119P3
CMD119P3
5-9 GHz Low Noise Amplifier



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com