Electronic Components Datasheet Search
  English  ▼

X  

CMD132 Datasheet(PDF) 4 Page - Custom MMIC Design Services, Inc.

Part # CMD132
Description  5-11 GHz Low Noise Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD132 Datasheet(HTML) 4 Page - Custom MMIC Design Services, Inc.

  CMD132 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD132 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD132 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD132 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD132 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD132 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD132 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD132 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD132 Datasheet HTML 9Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Gain vs. Temperature, Vdd = 3.6 V
Typical Performance
ver 2.0 0318
Noise Figure vs. Temperature, Vdd = 3.6 V
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
5
6
7
8
9
10
11
Frequency/GHz
+25C
+85C
-40C
16
17
18
19
20
21
22
23
24
25
26
5
6
7
8
9
10
11
Frequency/GHz
+25C
+85C
-40C
CMD132
CMD132
CMD132
5-11 GHz Low Noise Amplifier



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com