Electronic Components Datasheet Search
  English  ▼

X  

CMD166 Datasheet(PDF) 1 Page - Custom MMIC Design Services, Inc.

Part # CMD166
Description  20-40 GHz Low Noise Driver Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD166 Datasheet(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD166 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD166 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD166 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD166 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD166 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD166 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD166 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD166 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD166 Datasheet HTML 9Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD166 is a wideband GaAs MMIC low
noise amplifier ideally suited for military,
space and communications systems where
small size and high linearity are needed. At 28
GHz the device delivers 9 dB of gain with a
corresponding output 1 dB compression point
of +16.5 dBm and noise figure of 4.5 dB. The
CMD166 is a 50 ohm matched design which
eliminates the need for external DC blocks and
RF port matching. The CMD166 offers full
passivation for increased reliability and mois-
ture protection. This amplifier is the perfect
alternative to higher cost hybrid amplifiers.
► Wide bandwidth
► Low noise performance
► High linearity
► Small die size
Electrical Performance - Vdd = 4.0 V, TA = 25
oC, F = 28 GHz
Features
Description
Functional Block Diagram
ver 1.4 0418
Parameter
Min
Typ
Max
Units
Frequency Range
GHz
Gain
9
dB
Noise Figure
4.5
dB
Input Return Loss
10
dB
Output Return Loss
16
dB
Output P1dB
16.5
dBm
Supply Current
75
mA
20 - 40
1
2
3
4
RFIN
RFOUT
GB
Vdd
CMD166
20-40 GHz Low Noise Driver Amplifier


Similar Part No. - CMD166

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CMD1667M CERAMATE-CMD1667M Datasheet
369Kb / 9P
Two-Phase Unipolar Drive Brushless Motor Drivers
CMD1668 CERAMATE-CMD1668 Datasheet
369Kb / 9P
Two-Phase Unipolar Drive Brushless Motor Drivers
CMD1668M CERAMATE-CMD1668M Datasheet
369Kb / 9P
Two-Phase Unipolar Drive Brushless Motor Drivers
More results

Similar Description - CMD166

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA022N1-65 ALPHA-AA022N1-65 Datasheet
662Kb / 4P
20-24 GHz Low Noise Amplifier
logo
Agilent(Hewlett-Packard...
AMMP-6220 HP-AMMP-6220 Datasheet
406Kb / 10P
6-20 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6220 AVAGO-AMMC-6220_15 Datasheet
407Kb / 8P
6 - 20 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD194C3 MMIC-CMD194C3 Datasheet
260Kb / 10P
6-20 GHz Low Noise Amplifier
CMD299 MMIC-CMD299 Datasheet
255Kb / 12P
18-40 GHz Low Noise Amplifier
CMD299K4 MMIC-CMD299K4 Datasheet
290Kb / 12P
18-40 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMP-6220 BOARDCOM-AMMP-6220 Datasheet
267Kb / 7P
6-20 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD299K4 QORVO-CMD299K4 Datasheet
353Kb / 13P
18-40 GHz Low Noise Amplifier
CMD299 QORVO-CMD299 Datasheet
255Kb / 12P
18-40 GHz Low Noise Amplifier
CMD316C3 QORVO-CMD316C3 Datasheet
407Kb / 13P
6-20 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com