Electronic Components Datasheet Search
  English  ▼

X  

CMD167P3 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD167P3
Description  8-16 GHz Low Noise Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD167P3 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD167P3 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD167P3 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD167P3 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD167P3 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD167P3 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD167P3 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD167P3 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD167P3 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD167P3 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD167P3
CMD167P3
CMD167P3
8-16 GHz Low Noise Amplifier
Parameter
Rating
Drain Voltage, Vdd
5.0 V
RF Input Power
+ 20 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
416 mW
Thermal Resistance
156 °C/W
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 150 °C
Operation of this device outside the maximum
ratings may cause permanent damage.
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Specifications
Absolute Maximum Ratings
Recommended Operating Conditions
ver 1.2 0516
Electrical Specifications - Vdd = 3.0 V, TA = 25
oC
Parameter
Min
Typ
Max
Units
Vdd
2.0
3.0
4.0
V
Idd
50
mA
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
8 - 11
11 - 16
GHz
Gain
13
17
20
12.5
16.5
19.5
dB
Noise Figure
2.1
3.1
1.8
2.3
dB
Input Return Loss
13
15
dB
Output Return Loss
20
20
dB
Output P1dB
10.5
11.5
dBm
Supply Current
35
50
65
35
50
65
mA
Gain Temperature
Coefficient
0.012
0.012
dB/°C
Noise Figure Temperature
Coefficient
0.009
0.009
dB/°C
Output IP3
23
22
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com