Electronic Components Datasheet Search
  English  ▼

X  

CMD172 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD172
Description  18-40 GHz Voltage-Variable Attenuator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD172 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD172 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD172 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD172 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD172 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD172 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD172 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD172 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD172 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD172 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Parameter
Min
Typ
Max
Units
Vctl
-5.0
-3.0
0
V
Operation of this device outside the maximum
ratings may cause permanent damage.
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications, Vctl = -3.0 V to 0 V, TA = 25 °C
Specifications
Parameter
Rating
Control Voltage, Vctl
-8 V
RF Input Power
30 dBm
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
ver 1.3 0816
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Frequency
Range
18 - 30
35 - 40
GHz
Insertion Loss
1.5
2
1.8
2.5
2.2
3.3
dB
Attenuation
Range
33
38
32
37
30
37
dB
Input Return
Loss
12
12
10
dB
Output Return
Loss
12
12
10
dB
Input IP3
27
24
22
dBm
30 - 35
CMD172
CMD172
CMD172
18-40 GHz Voltage-Variable Attenuator



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com