Electronic Components Datasheet Search
  English  ▼

X  

CMD175P4 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD175P4
Description  2-4 GHz 5-Bit Digital Phase Shifter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD175P4 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD175P4 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD175P4 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD175P4 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD175P4 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD175P4 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD175P4 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD175P4 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD175P4 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD175P4 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
ver 1.4 0518
CMD175P4
2-4 GHz 5-Bit Digital Phase Shifter
Specifications
Absolute Maximum Ratings
Recommended Operating Conditions
Truth Table
Parameter
Rating
Supply Voltage, Vee
-8.0 V
RF Input Power
+30 dBm
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 150 °C
Parameter
Min
Typ
Max
Units
Vee
-5.0
-3.0
V
Iee
4
mA
Electrical performance is measured at
specific test conditions. Electrical
specifications are not guaranteed over all
recommended operating conditions.
Control Voltage Input
11.25
22.5
45
90
180
High
High
High
High
High
Reference
Low
High
High
High
High
11.25
High
Low
High
High
High
22.5
High
High
Low
High
High
45
Phase Shift
(degrees)
High
High
High
Low
High
90
High
High
High
High
Low
180
Low
Low
Low
Low
Low
348.75
State
Bias Condition
High
Vee ± 0.3 V
Low
0 ± 0.3 V
Control Voltage
Exceeding any one or combination of the maximum ratings
may cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com